Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5813 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI5813
Description  CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5813 Datasheet(HTML) 5 Page - Intersil Corporation

  HI5813 Datasheet HTML 1Page - Intersil Corporation HI5813 Datasheet HTML 2Page - Intersil Corporation HI5813 Datasheet HTML 3Page - Intersil Corporation HI5813 Datasheet HTML 4Page - Intersil Corporation HI5813 Datasheet HTML 5Page - Intersil Corporation HI5813 Datasheet HTML 6Page - Intersil Corporation HI5813 Datasheet HTML 7Page - Intersil Corporation HI5813 Datasheet HTML 8Page - Intersil Corporation HI5813 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Timing Diagrams
FIGURE 1. CONTINUOUS CONVERSION MODE
FIGURE 2. SINGLE SHOT MODE
FIGURE 3A.
FIGURE 3B.
FIGURE 3. OUTPUT ENABLE/DISABLE TIMING DIAGRAM
D0 - D11
CLK
tD2DRDY
tLOW
tHIGH
1
2
3
4
5- 14
15
1
2
3
STRT
HOLD N
TRACK N
TRACK N + 1
VIN
OEL =OEM =VSS
DRDY
tD1DRDY
DATAN- 1
DATA N
STRT
HOLD
TRACK
HOLD
CLK
DRDY
VIN
tRSTRT
tSUSTRT
tWSTRT
15
1
2
2
2
3
4
5
tD3DRDY
OEL OR OEM
D0 - D3OR D4- D11
HIGH
tDIS
tEN
50%
50%
10%
90%
-1.6mA
TO LOW
1.6mA
50pF
TO
PIN
+2.1V
OUTPUT
IMPEDANCE
HIGH IMPEDANCE
TO HIGH
HI5813


Similar Part No. - HI5813

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813JIB INTERSIL-HI5813JIB Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813JIJ INTERSIL-HI5813JIJ Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813JIP INTERSIL-HI5813JIP Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813KIB INTERSIL-HI5813KIB Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results

Similar Description - HI5813

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com