Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV200BB30DRE1 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV200BB30DRE1
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV200BB30DRE1 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV200BB30DRE1 Datasheet HTML 3Page - Advanced Micro Devices AM29LV200BB30DRE1 Datasheet HTML 4Page - Advanced Micro Devices AM29LV200BB30DRE1 Datasheet HTML 5Page - Advanced Micro Devices AM29LV200BB30DRE1 Datasheet HTML 6Page - Advanced Micro Devices AM29LV200BB30DRE1 Datasheet HTML 7Page - Advanced Micro Devices AM29LV200BB30DRE1 Datasheet HTML 8Page - Advanced Micro Devices AM29LV200BB30DRE1 Datasheet HTML 9Page - Advanced Micro Devices AM29LV200BB30DRE1 Datasheet HTML 10Page - Advanced Micro Devices AM29LV200BB30DRE1 Datasheet HTML 11Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
November 18, 2003
Am29LV200B Known Good Die
9
SU PP L E ME NT
PHYSICAL SPECIFICATIONS
Active Die dimensions . x = 3462.6 µm; y = 3277.8 µm
. . . . . . . . . . . . . . . . . . . x = 136.3 mils; y = 129.0 mils
Scribe width . . . . . . . . . . . . x = 87.4 µm; y = 232.2 µm
. . . . . . . . . . . . . . . . . . . . . x = 3.44 mils; y = 9.03 mils
Step dimensions . . . . . . . . x = 3.56 mm; y = 3.51 mm
. . . . . . . . . . . . . . . . . x = 139.76 mils; y = 138.19 mils
Die Thickness. . . . . . . . . . . . .500 µm = 483 +/–51 µm
. . . . . . . . . . . . . . . . . . . . . . . 280 µm = 280 +/–15 µm
Bond Pad Size . . . . . . . . . . . . . . 115.9 µm x 115.9 µm
. . . . . . . . . . . . . . . . . . . . . . . . . . 4.69 mils x 4.69 mils
Minimum pad pitch . . . . . . . . . . . . . . . . . . . . 137.8 µm
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.43 mils
Pad Area Free of Passivation . . . . . . . . . . 13.99 mils
2
Pads Per Die . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Bond Pad Metalization . . . . . . . . . . . . . . . . . . . . Al/Cu
. . . . . . . . . . . . . . . . . . . . Minimum thickness: 10500 Å
Die Backside . . . . . . . . . . . . . . . . . . . . . . . . No metal,
may be grounded with Back-grind type finish (optional)
Passivation . . . . . . . . . . . . . . . . . . Nitride/SOG/Nitride
. . . . . . . . . . . . . . . . . . . . Minimum thickness: 14700 Å
Ink dot height . . . . . . . . . . . . . . . . . . . . . .0.8 mils max
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20.3 µm max
Ink dot diameter . . . . . . . . . . . . . . . . . . . . .15 mils min
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 381 µm min
DC OPERATING CONDITIONS
VCC (Supply Voltage) . . . . . . . . . . . . . . 2.7 V to 3.6 V
Operating Temperature
Industrial . . . . . . . . . . . . . . . . . . .–40
°C to +85°C
Commercial . . . . . . . . . . . . . . . . . . .0
°C to +70°C
Extended . . . . . . . . . . . . . . . . . .–55
°C to +125°C
MANUFACTURING INFORMATION
Manufacturing . . . . . . . . . . . . . . . . . . . . . . . . . . . FASL
Test . . . . . . . . . . . . . . . . . . . . . . . . Penang, Malaysia
Manufacturing ID (Top Boot) . . . . . . . . . . . . . 98488AK
(Bottom Boot) . . . . . . . . . . . . . . . . . . . . . . .98488ABK
Preparation for Shipment . . . . . . . . Penang, Malaysia
Fabrication Process . . . . . . . . . . . . . . . . . . . . CS39S
Die Revision . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
SPECIAL HANDLING INSTRUCTIONS
Processing
Do not expose KGD products to ultraviolet light or
process them at temperatures greater than 250
°C.
Failure to adhere to these handling instructions will
result in irreparable damage to the devices. For best
yield, AMD recommends assembly in a Class 10K
clean room with 30% to 60% relative humidity.
Storage
Store at a maximum temperature of 30
°C in a nitrogen-
purged cabinet or vacuum-sealed bag. Observe all


Similar Part No. - AM29LV200BB30DRE1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200BB-120EC AMD-AM29LV200BB-120EC Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120EC AMD-AM29LV200BB-120EC Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120ECB AMD-AM29LV200BB-120ECB Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120ED AMD-AM29LV200BB-120ED Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BB-120EE AMD-AM29LV200BB-120EE Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV200BB30DRE1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B_06 Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com