Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29SL800DB150EC Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM29SL800DB150EC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB150EC Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM29SL800DB150EC Datasheet HTML 1Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 2Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 3Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 4Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 5Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 6Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 7Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 8Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
D A TA
SH EE T
2
Am29SL800D
27546A6 January 23, 2007
GENERAL DESCRIPTION
The Am29SL800D is an 8 Mbit, 1.8 V volt-only Flash-
memory organized as 1,048,576 bytes or 524,288
words. The device is offered in 48-pin TSOP and 48-
ball FBGA packages. The word-wide data (x16)
appears on DQ15–DQ0; the byte-wide (x8) data
appears on DQ7–DQ0. This device is designed to be
programmed and erased in-system with a single 1.8
volt VCC supply. No VPP is for write or erase operations.
The device can also be programmed in standard
EPROM programmers.
The standard device offers access times of 90, 100,
120, and 150 ns, allowing high speed microprocessors
to operate without wait states. To eliminate bus conten-
tion, the device has separate chip enable (CE#), write
enable (WE#) and output enable (OE#) controls.
The device requires only a single 1.8 volt power
supply for both read and write functions. Internally
generated and regulated voltages are provided for the
program and erase operations.
The device is entirely command set compatible with the
JEDEC single-power-supply Flash standard. Com-
mands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as input to an internal state-machine that
controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed
for the programming and erase operations. Reading
data out of the device is similar to reading from other
Flash or EPROM devices.
Device programming occurs by executing the program
command sequence. This initiates the Embedded
Program algorithm—an internal algorithm that auto-
matically times the program pulse widths and verifies
proper cell margin. The Unlock Bypass mode facili-
tates faster programming times by requiring only two
write cycles to program data instead of four.
Device erasure occurs by executing the erase
command sequence. This initiates the Embedded
Erase algorithm—an internal algorithm that automati-
cally preprograms the array (if it is not already
programmed) before executing the erase operation.
During erase, the device automatically times the erase
pulse widths and verifies proper cell margin.
The host system can detect whether a program or
erase operation is complete by observing the RY/BY#
pin, or by reading the DQ7 (Data# Polling) and DQ6
(toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data
or accept another command.
The sector erase architecture allows memory sectors
to be erased and reprogrammed without affecting the
data contents of other sectors. The device is fully
erased when shipped from the factory.
Hardware data protection measures include a low
VCC detector that automatically inhibits write opera-
tions during power transitions. The hardware sector
protection feature disables both program and erase
operations in any combination of the sectors of
memory. This can be achieved in-system or via pro-
gramming equipment.
The Erase Suspend feature enables the user to put
erase on hold for any period of time to read data from,
or program data to, any sector that is not selected for
erasure. True background erase can thus be achieved.
The hardware RESET# pin terminates any operation
in progress and resets the internal state machine to
reading array data. The RESET# pin may be tied to the
system reset circuitry. A system reset would thus also
reset the device, enabling the system microprocessor
to read the boot-up firmware from the Flash memory.
The device offers two power-saving features. When
addresses have been stable for a specified amount of
time, the device enters the automatic sleep mode.
The system can also place the device into the standby
mode. Power consumption is greatly reduced in both
these modes.
AMD’s Flash technology combines years of Flash
memory manufacturing experience to produce the
highest levels of quality, reliability and cost effective-
ness. The device electrically erases all bits within a
sector simultaneously via Fowler-Nordheim tunneling.
The data is programmed using hot electron injection.


Similar Part No. - AM29SL800DB150EC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29SL800DB150 AMD-AM29SL800DB150 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results

Similar Description - AM29SL800DB150EC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29SL800D AMD-AM29SL800D Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800B AMD-AM29SL800B Datasheet
543Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800C AMD-AM29SL800C Datasheet
549Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400D SPANSION-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL400C AMD-AM29SL400C Datasheet
846Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL400D AMD-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400C SPANSION-AM29SL400C Datasheet
945Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C_07 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com