Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1171JCB Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI1171JCB
Description  8-Bit, 40 MSPS, High Speed D/A Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1171JCB Datasheet(HTML) 1 Page - Intersil Corporation

  HI1171JCB Datasheet HTML 1Page - Intersil Corporation HI1171JCB Datasheet HTML 2Page - Intersil Corporation HI1171JCB Datasheet HTML 3Page - Intersil Corporation HI1171JCB Datasheet HTML 4Page - Intersil Corporation HI1171JCB Datasheet HTML 5Page - Intersil Corporation HI1171JCB Datasheet HTML 6Page - Intersil Corporation HI1171JCB Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
October 26, 2005
HI1171
8-Bit, 40 MSPS, High Speed D/A Converter
Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . . 40MHz
• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8-Bit
• Integral Linearity Error . . . . . . . . . . . . . . . . . . 0.25 LSB
• Low Glitch Noise
• Single Supply Operation . . . . . . . . . . . . . . . . . . . . . . +5V
• Low Power Consumption (Max) . . . . . . . . . . . . . . 80mW
• Evaluation Board Available (HI1171-EV)
• Direct Replacement for the Sony CXD1171
Applications
• Wireless Telecommunications
• Signal Reconstruction
• Direct Digital Synthesis
•Imaging
• Presentation and Broadcast Video
• Graphics Displays
• Signal Generators
Description
The HI1171 is an 8-bit, 40MHz, high speed D/A converter.
The converter incorporates an 8-bit input data register with
blanking capability, and current outputs. The HI1171 fea-
tures low glitch outputs. The architecture is a current cell
arrangement to provide low linearity errors.
The HI1171 is available in an Industrial temperature range
and is offered in a 24 lead (200 mil) SOIC plastic package.
For dual version, please refer to the HI1177 Data Sheet.
For triple version, please refer to the HI1178 Data Sheet.
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
HI1171JCB
-40 to 85
24 Ld SOIC
M24.2-S
HI1171-EV
25
Evaluation Board
Pinout
HI1171
(SOIC)
TOP VIEW
Typical Application Circuit
1
2
3
4
5
6
7
8
9
10
11
12
(LSB) D0
D1
D2
D3
D4
D5
D6
D7
BLNK
DVSS
VB
CLK
16
17
18
19
20
21
22
23
24
15
14
13
DVDD
AVDD
IOUT2
IOUT1
AVDD
VG
IREF
AVSS
DVSS
DVDD
AVDD
VREF
D7 (MSB)(8)
D6 (7)
D5 (6)
D4 (5)
D3 (4)
D2 (3)
D1 (2)
D0 (LSB) (1)
D7
D6
D5
D4
D3
D2
D1
D0
+5V
DVDD (23, 24)
0.1
µF
DVSS (10, 13)
CLK (12)
BLNK (9)
+5V
0.1
µF
(18, 19, 22) AVDD
(14) AVSS
D/A
(20) IOUT1
(21) IOUT2
(15) IREF
VB (11)
0.1
µF
3.3k
200
0.1
µF
1k
(17) VG
(16) VREF
HI1171
OUT
FN3662.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or
1-888-468-3774
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 1997, 2002, 2005. All Rights Reserved
Pb-F
ree
and
RoH
S Co
mpl
iant


Similar Part No. - HI1171JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1171JCB INTERSIL-HI1171JCB Datasheet
42Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
logo
Renesas Technology Corp
HI1171JCB RENESAS-HI1171JCB Datasheet
382Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
More results

Similar Description - HI1171JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1171 INTERSIL-HI1171 Datasheet
42Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
logo
Renesas Technology Corp
HI1171 RENESAS-HI1171 Datasheet
382Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com