Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM41LV3204MT10IT Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM41LV3204MT10IT
Description  Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41LV3204MT10IT Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM41LV3204MT10IT Datasheet HTML 3Page - Advanced Micro Devices AM41LV3204MT10IT Datasheet HTML 4Page - Advanced Micro Devices AM41LV3204MT10IT Datasheet HTML 5Page - Advanced Micro Devices AM41LV3204MT10IT Datasheet HTML 6Page - Advanced Micro Devices AM41LV3204MT10IT Datasheet HTML 7Page - Advanced Micro Devices AM41LV3204MT10IT Datasheet HTML 8Page - Advanced Micro Devices AM41LV3204MT10IT Datasheet HTML 9Page - Advanced Micro Devices AM41LV3204MT10IT Datasheet HTML 10Page - Advanced Micro Devices AM41LV3204MT10IT Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
6
Am41LV3204M
June 10, 2003
P R E L I M I NARY
CONNECTION DIAGRAMS
SPECIAL PACKAGE HANDLING
INSTRUCTIONS FOR FBGA PACKAGES
Special handling is required for Flash Memory products
in molded packages (BGA). The package and/or data
integrity may be compromised if the package body is
exposed to temperatures about 150
°C for prolonged
periods of time.
69-ball Fine-pitch BGA
Top View, Balls Facing Down
A1
B1
E1
F1
K1
C2
D2
E2
F2
G2
H2
B3
C3
D3
E3
F3
G3
H3
J3
B4
C4
D4
E4
F4
G4
H4
J4
A5
B5
C5
D5
G5
H5
J5
K5
A6
B6
C6
D6
G6
H6
J6
K6
B7
C7
D7
E7
F7
G7
H7
J7
B8
C8
D8
E8
F8
G8
H8
J8
C9
D9
E9
F9
G9
H9
A10
E10
F10
K10
NC
NC
NC
NC
NC
NC
NC
A3
A2
A1
A0
CE#f
CE1#s
A7
A6
A5
A4
VSS
OE#
DQ0
DQ8
LB#
UB#
A18
A17
DQ1
DQ9
DQ10
DQ2
NC
WP#/ACC
RESET#
RY/BY#
DQ3
VCCf
DQ11
NC
WE#
CE2s
A20
DQ4
VCCs
CIOs
A8
A19
A9
A10
DQ6
DQ13
DQ12
DQ5
A11
A12
A13
A14
SA#
DQ15/A-1
DQ7
DQ14
A15
NC
NC
A16
CIOf
VSS
NC
NC
NC
NC
SRAM only
Shared
Flash only


Similar Part No. - AM41LV3204MT10IT

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM41LV3204MT10IT SPANSION-AM41LV3204MT10IT Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
More results

Similar Description - AM41LV3204MT10IT

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM41LV3204M SPANSION-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
AM49LV6408M SPANSION-AM49LV6408M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
logo
Advanced Micro Devices
AM41DL32X4G AMD-AM41DL32X4G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL32X4G AMD-AM42DL32X4G Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL32X8G AMD-AM41DL32X8G Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com