Selected language     English  ▼


AM29DL322GB40WDIN Datasheet(PDF) 9 Page - SPANSION

Part No. AM29DL322GB40WDIN
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPANSION [SPANSION]
Homepage  http://www.spansion.com
Logo 

 9 page
background image
December 4, 2006 25686B10
Am29DL32xG
7
D A TA
SH EE T
PIN DESCRIPTION
A20–A0
= 21 Addresses
DQ14–DQ0 = 15 Data Inputs/Outputs
DQ15/A-1
= DQ15 (Data Input/Output, word
mode), A-1 (LSB Address Input, byte
mode)
CE#
= Chip Enable
OE#
= Output Enable
WE#
= Write Enable
WP#/ACC
= Hardware Write Protect/
Acceleration Pin
RESET#
= Hardware Reset Pin, Active Low
BYTE#
= Selects 8-bit or 16-bit mode
RY/BY#
= Ready/Busy Output
V
CC
= 3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
V
SS
= Device Ground
NC
= Pin Not Connected Internally
RFU
= Reserved for Future Use
LOGIC SYMBOL
21
16 or 8
DQ15–DQ0
(A-1)
A20–A0
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#
WP#/ACC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29DL320G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM49DL320BG32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 32 Mbit 2M x 16-Bit Pseudo Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM49DL32XBG32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 32 Mbit 2M x 16-Bit 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL32X4G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL3208G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL322D_0532 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL32X4G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL6408G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL16X2DAm29DL16xD 16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 2 Mbit 128 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL640AH64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreSPANSION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl