Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM49PDL129BH66IT Datasheet(PDF) 10 Page - SPANSION

Part # AM49PDL129BH66IT
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM49PDL129BH66IT Datasheet(HTML) 10 Page - SPANSION

Back Button AM49PDL129BH66IT Datasheet HTML 6Page - SPANSION AM49PDL129BH66IT Datasheet HTML 7Page - SPANSION AM49PDL129BH66IT Datasheet HTML 8Page - SPANSION AM49PDL129BH66IT Datasheet HTML 9Page - SPANSION AM49PDL129BH66IT Datasheet HTML 10Page - SPANSION AM49PDL129BH66IT Datasheet HTML 11Page - SPANSION AM49PDL129BH66IT Datasheet HTML 12Page - SPANSION AM49PDL129BH66IT Datasheet HTML 13Page - SPANSION AM49PDL129BH66IT Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
8
Am49PDL127BH/Am49PDL129BH
December 16, 2003
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAM–PDL127
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (BGA). The package and/or data
integrity may be compromised if the package body is
exposed to temperatures above 150
°C for prolonged
periods of time.
A1
B1
C1
F1
G1
L1
M1
D2
E2
F2
G2
H2
J2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
B5
C5
D5
E5
H5
J5
K5
L5
B6
C6
D6
E6
H6
J6
K6
L6
C7
D7
E7
F7
G7
H7
J7
K7
C8
D8
E8
F8
G8
H8
J8
K8
D9
E9
F9
G9
H9
J9
A10
B10
F10
G10
L10
M10
NC
NC
NC
NC
NC
NC
NC
NC
NC
A3
A2
A1
A0
CE#f1
CE#1ps
A7
A6
A5
A4
VSS
OE#
DQ0
DQ8
LB#
UB#
A18
A17
DQ1
DQ9
DQ10
DQ2
NC
WP#/ACC
RESET#
RY/BY#
DQ3
VCCf
DQ11
NC
WE#
CE2ps
A20
DQ4
VCCps
NC
A8
A19
A9
A10
DQ6
DQ13
DQ12
DQ5
A11
A12
A13
A14
NC
DQ15
DQ7
DQ14
A15
A21
A22
A16
NC
VSS
NC
NC
NC
NC
NC
NC
Pseudo
SRAM Only
Shared
Flash Only
73-Ball FBGA
Top View


Similar Part No. - AM49PDL129BH66IT

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49PDL129AH SPANSION-AM49PDL129AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL129AH61IS SPANSION-AM49PDL129AH61IS Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL129AH61IT SPANSION-AM49PDL129AH61IT Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL129AH70IS SPANSION-AM49PDL129AH70IS Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
AM49PDL129AH70IT SPANSION-AM49PDL129AH70IT Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
More results

Similar Description - AM49PDL129BH66IT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D_05 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com