Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4314BCA Datasheet(PDF) 11 Page - Intersil Corporation

Part # HA4314BCA
Description  400MHz, 4x1 Video Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4314BCA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HA4314BCA Datasheet HTML 4Page - Intersil Corporation HA4314BCA Datasheet HTML 5Page - Intersil Corporation HA4314BCA Datasheet HTML 6Page - Intersil Corporation HA4314BCA Datasheet HTML 7Page - Intersil Corporation HA4314BCA Datasheet HTML 8Page - Intersil Corporation HA4314BCA Datasheet HTML 9Page - Intersil Corporation HA4314BCA Datasheet HTML 10Page - Intersil Corporation HA4314BCA Datasheet HTML 11Page - Intersil Corporation HA4314BCA Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HA4314B
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
α
M14.15 (JEDEC MS-012-AB ISSUE C)
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.3367
0.3444
8.55
8.75
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N14
14
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - HA4314BCA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314BCA INTERSIL-HA4314BCA Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Renesas Technology Corp
HA4314BCA RENESAS-HA4314BCA Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Intersil Corporation
HA4314BCA96 INTERSIL-HA4314BCA96 Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
HA4314BCAZ INTERSIL-HA4314BCAZ Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314BCAZ RENESAS-HA4314BCAZ Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
More results

Similar Description - HA4314BCA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com