Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4201 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA4201
Description  480MHz, 1x1 Video Crosspoint Switch with Tally Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4201 Datasheet(HTML) 6 Page - Intersil Corporation

  HA4201_06 Datasheet HTML 1Page - Intersil Corporation HA4201_06 Datasheet HTML 2Page - Intersil Corporation HA4201_06 Datasheet HTML 3Page - Intersil Corporation HA4201_06 Datasheet HTML 4Page - Intersil Corporation HA4201_06 Datasheet HTML 5Page - Intersil Corporation HA4201_06 Datasheet HTML 6Page - Intersil Corporation HA4201_06 Datasheet HTML 7Page - Intersil Corporation HA4201_06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Performance Curves VSUPPLY = ±5V, TA = 25°C, RL = 10kΩ, Unless Otherwise Specified
FIGURE 3.
1.0
0.75
0.5
0.25
0
-0.25
-0.5
-0.75
-1.0
TIME (5ns/DIV.)
LARGE SIGNAL PULSE RESPONSE
FIGURE 4.
110
100
FREQUENCY (MHz)
0.75
0.80
0.85
0.90
0.95
1.0
1.05
1.10
1.15
1.20
1.25
500
INPUT CAPACITANCE vs FREQUENCY
FIGURE 5.
12
9
6
3
0
-3
-6
-9
-12
110
100
750
FREQUENCY (MHz)
RS = 36Ω
CL = 21pF
RS = 82Ω
CL = 10pF
RS = 43Ω
CL = 15pF
FREQUENCY RESPONSE
FIGURE 6.
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
1
10
100
500
FREQUENCY (MHz)
RS = 36Ω
CL = 21pF
RS = 82Ω
CL = 10pF
RS = 43Ω
CL = 15pF
GAIN FLATNESS
FIGURE 7.
-50
-60
-70
-80
-90
-100
-110
-120
-130
1
10
100
500
FREQUENCY (MHz)
VIN = 1VP-P
RL = 10Ω
OFF ISOLATION
6
FN3680.6
March 8, 2007
HA4201


Similar Part No. - HA4201_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4201CB INTERSIL-HA4201CB Datasheet
79Kb / 7P
   480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4201CB96 INTERSIL-HA4201CB96 Datasheet
79Kb / 7P
   480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
logo
Renesas Technology Corp
HA4201CB96 RENESAS-HA4201CB96 Datasheet
440Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
HA4201CBZ96 RENESAS-HA4201CBZ96 Datasheet
440Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
More results

Similar Description - HA4201_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA4201 RENESAS-HA4201 Datasheet
440Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
logo
Intersil Corporation
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
   480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
logo
Gennum Corporation
GX4201 GENNUM-GX4201 Datasheet
156Kb / 6P
   Wideband, Monolithic 1x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4404B RENESAS-HA4404B Datasheet
531Kb / 9P
   330MHz, 4 x 1 Video Crosspoint Switch With Tally Outputs
logo
Intersil Corporation
HA4404B INTERSIL-HA4404B Datasheet
95Kb / 9P
   330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
July 1998
HA4404B INTERSIL-HA4404B_03 Datasheet
282Kb / 9P
   330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
HA4244 INTERSIL-HA4244 Datasheet
145Kb / 6P
   480MHz, 1 x 1 Video Crosspoint Switch with Synchronous Enable
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com