Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4314BCB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA4314BCB
Description  400MHz, 4x1 Video Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4314BCB Datasheet(HTML) 4 Page - Intersil Corporation

  HA4314BCB Datasheet HTML 1Page - Intersil Corporation HA4314BCB Datasheet HTML 2Page - Intersil Corporation HA4314BCB Datasheet HTML 3Page - Intersil Corporation HA4314BCB Datasheet HTML 4Page - Intersil Corporation HA4314BCB Datasheet HTML 5Page - Intersil Corporation HA4314BCB Datasheet HTML 6Page - Intersil Corporation HA4314BCB Datasheet HTML 7Page - Intersil Corporation HA4314BCB Datasheet HTML 8Page - Intersil Corporation HA4314BCB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
AC Test Circuit
PC Board Layout
The frequency response of this circuit depends greatly on
the care taken in designing the PC board. The use of low
inductance components such as chip resistors and chip
capacitors is strongly recommended, while a solid
ground plane is a must!
Attention should be given to decoupling the power supplies.
A large value (10
μF) tantalum in parallel with a small value
(0.1
μF) chip capacitor works well in most cases.
Keep input and output traces as short as possible, because
trace inductance and capacitance can easily become the
performance limiting items.
HA4314
RS
CX
75
Ω
HFA1100
75
Ω
VOUT
VIN
10k
Ω
500
Ω
400
Ω
510
Ω
+
-
NOTE:
CL = CX + Test Fixture Capacitance.
HA4314B


Similar Part No. - HA4314BCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314BCB INTERSIL-HA4314BCB Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
HA4314BCB INTERSIL-HA4314BCB Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314BCB RENESAS-HA4314BCB Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Intersil Corporation
HA4314BCB96 INTERSIL-HA4314BCB96 Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
HA4314BCBZ INTERSIL-HA4314BCBZ Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
More results

Similar Description - HA4314BCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com