Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4314B Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA4314B
Description  400MHz, 4x1 Video Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4314B Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA4314B Datasheet HTML 3Page - Intersil Corporation HA4314B Datasheet HTML 4Page - Intersil Corporation HA4314B Datasheet HTML 5Page - Intersil Corporation HA4314B Datasheet HTML 6Page - Intersil Corporation HA4314B Datasheet HTML 7Page - Intersil Corporation HA4314B Datasheet HTML 8Page - Intersil Corporation HA4314B Datasheet HTML 9Page - Intersil Corporation HA4314B Datasheet HTML 10Page - Intersil Corporation HA4314B Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
SOURCE0
75
Ω
HA4201
OUT
IN0
CS
IN3
SOURCE3
75
Ω
SOURCE4
75
Ω
OUT
CS
SOURCE7
75
Ω
RS
SOURCE8
75
Ω
OUT
CS
SOURCE11
75
Ω
SOURCE12
75
Ω
OUT
CS
SOURCE15
75
Ω
HA4314
HA4314
RS
RS
HA4314
1/4 CD74HCT00
SEL0:3
HFA1112 OR HFA1115
SEL4:7
EN
HA4201
RS
RS
RS
1/4 CD74HCT00
SEL8:11 SEL12:15
EN
SWITCHING
MATRIX
ISOLATION
MUX
OUTPUT
BUFFER
75
Ω
+
-
X2
OUT
IN1
IN2
IN0
IN3
IN1
IN2
IN0
IN3
IN1
IN2
IN0
IN3
IN1
IN2
FIGURE 2. 16x1 SWITCHER APPLICATION
Typical Performance Curves VSUPPLY = ±5V, TA = +25°C, RL = 10kΩ, Unless Otherwise Specified
FIGURE 3. LARGE SIGNAL PULSE RESPONSE
FIGURE 4. CHANNEL-TO-CHANNEL SWITCHING RESPONSE
1.0
0.75
0.5
0.25
0
-0.25
-0.75
-1.0
TIME (5ns/DIV.)
-0.5
TIME (200ns/DIV.)
IN1 = +250mV
A0 = +3V
0
125
250
0
0.8
1.6
2.4
IN3 = 0V
HA4314B


Similar Part No. - HA4314B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
HA4314B INTERSIL-HA4314B Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Intersil Corporation
HA4314BCA INTERSIL-HA4314BCA Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Renesas Technology Corp
HA4314BCA RENESAS-HA4314BCA Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
More results

Similar Description - HA4314B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com