Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5127883 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-5127883
Description  Ultra Low Noise, Precision Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5127883 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-5127883_06 Datasheet HTML 1Page - Intersil Corporation HA-5127883_06 Datasheet HTML 2Page - Intersil Corporation HA-5127883_06 Datasheet HTML 3Page - Intersil Corporation HA-5127883_06 Datasheet HTML 4Page - Intersil Corporation HA-5127883_06 Datasheet HTML 5Page - Intersil Corporation HA-5127883_06 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FN3751.3
January 16, 2006
HA-5127/883
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . .44V
Differential Input Voltage (Note 2) . . . . . . . . . . . . . . . . . . . . . . . 0.7V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . V+ to V-
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
Differential Output Current . . . . . . . . . . . Full Short Circuit Protection
Junction Temperature (TJ). . . . . . . . . . . . . . . . . . . . . . . . . . .+175
oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .<2000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . .+300oC
Thermal Resistance
θ
JA
θ
JC
Metal Can Package . . . . . . . . . . . . . . . . .
155oC/W
67oC/W
Package Power Dissipation Limit at +75oC for TJ ≤ +175
oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 645mW
Package Power Dissipation Derating Factor Above +75oC
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
VINCM ≤ 1/2 (V+ - V-)
RL ≥ 600Ω
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: VSUPPLY = ±15V, RSOURCE = 50Ω, RLOAD = 100kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Offset Voltage
VIO
VCM = 0V
1
+25oC
-100
100
µV
2, 3
+125oC, -55oC
-300
300
µV
Input Bias Current
IB
VCM = 0V,
RS = 10kΩ, 50Ω
1+25oC
-
80
nA
2, 3
+125oC, -55oC
-
150
nA
Input Offset Current
IIO
VCM = 0V,
+RS = 10kΩ,
-RS = 10kΩ
1+25oC
-75
75
nA
2, 3
+125oC, -55oC
-135
135
nA
Common Mode Range
+CMR
V+ = +4.7V,
V- = -25.3V
1+25oC10.3
-
V
2, 3
+125oC, -55oC10.3
-
V
-CMR
V+ = +25.3V,
V- = -4.7V
1+25oC
-
-10.3
V
2, 3
+125oC, -55oC
-
-10.3
V
Large Signal Voltage
Gain
+AVOL
VOUT = 0V and +10V,
RL = 2kΩ
4+25oC
700
-
kV/V
5, 6
+125oC, -55oC
300
-
kV/V
-AVOL
VOUT = 0V and -10V,
RL = 2kΩ
4+25oC
700
-
kV/V
5, 6
+125oC, -55oC
300
-
kV/V
Common Mode
Rejection Ratio
+CMRR
∆V
CM = +11V
1+25oC
100
-
dB
∆VCM = +10V
2, 3
+125oC, -55oC
100
-
dB
-CMRR
∆V
CM = -11V
1+25oC
100
-
dB
∆VCM = -10V
2, 3
+125oC, -55oC
100
-
dB
Output Voltage Swing
+VOUT1
RL = 2kΩ
4+25oC11.5
-
V
5, 6
+125oC, -55oC11.5
-
V
-VOUT1
RL = 2kΩ
4+25oC-
-11.5
V
5, 6
+125oC, -55oC-
-11.5
V
+VOUT2
RL = 600Ω
4+25oC10
-
V
-VOUT2
RL = 600Ω
4+25oC-
-10
V
+IB +-IB
2
---------------------------




Similar Part No. - HA-5127883_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5127883 INTERSIL-HA-5127883 Datasheet
124Kb / 5P
   Ultra Low Noise, Precision Operational Amplifier
More results

Similar Description - HA-5127883_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5127883 INTERSIL-HA-5127883 Datasheet
124Kb / 5P
   Ultra Low Noise, Precision Operational Amplifier
HA-5137 INTERSIL-HA-5137 Datasheet
100Kb / 8P
   60MHz, Ultra Low Noise, Precision Operational Amplifier
June 1998
HA-5127 INTERSIL-HA-5127 Datasheet
570Kb / 9P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA-5137A RENESAS-HA-5137A Datasheet
883Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Intersil Corporation
HA-5127 INTERSIL-HA-5127_05 Datasheet
653Kb / 9P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
logo
Renesas Technology Corp
HA-5127 RENESAS-HA-5127 Datasheet
1Mb / 12P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011
logo
Intersil Corporation
HA-5137A INTERSIL-HA-5137A Datasheet
534Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com