Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5710A Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI5710A
Description  10-Bit, 20 MSPS A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5710A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI5710A_00 Datasheet HTML 7Page - Intersil Corporation HI5710A_00 Datasheet HTML 8Page - Intersil Corporation HI5710A_00 Datasheet HTML 9Page - Intersil Corporation HI5710A_00 Datasheet HTML 10Page - Intersil Corporation HI5710A_00 Datasheet HTML 11Page - Intersil Corporation HI5710A_00 Datasheet HTML 12Page - Intersil Corporation HI5710A_00 Datasheet HTML 13Page - Intersil Corporation HI5710A_00 Datasheet HTML 14Page - Intersil Corporation HI5710A_00 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
22
CLK
Clock Pin.
41
CAL
Calibration Pulse Input, calibration starts on a falling
edge, normally high.
15
RESET
Calibration Circuit Reset and Internal Calibration
Function Restart, resets with a negative pulse,
normally high.
14
TIN
Factory Test Signal Input, normally tied to AVSS or
AVDD.
29, 30
VRT
Reference Top, normally 4.0V.
34, 35
VRB
Reference Bottom, normally 2.0V.
38
AT
Factory Test Signal Output, leave pin open.
42
TS
Factory Test Signal Input, tie to AVDD.
37
TSTR
Factory Test Signal Input, tie to AVSS.
Pin Description and I/O Pin Equivalent Circuit (Continued)
PIN
NUMBER
SYMBOL
EQUIVALENT CIRCUIT
DESCRIPTION
22
AVSS
AVDD
41
AVSS
AVDD
15
AVSS
AVDD
AVDD
AVSS
29, 30
34, 35
HI5710A


Similar Part No. - HI5710A_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710AJCQ INTERSIL-HI5710AJCQ Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
More results

Similar Description - HI5710A_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
logo
Hittite Microwave Corpo...
HMCAD1040-40 HITTITE-HMCAD1040-40 Datasheet
915Kb / 14P
   Dual 10-Bit 20/40 MSPS A/D Converter
HMCAD1041-40 HITTITE-HMCAD1041-40 Datasheet
695Kb / 12P
   Single 10-Bit 20/40 MSPS A/D Converter
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
logo
Fairchild Semiconductor
TDC1016 FAIRCHILD-TDC1016 Datasheet
77Kb / 12P
   Video Speed D/A Converter 10-Bit, 20 Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com