Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5721 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5721
Description  10-Bit, 125MSPS, High Speed D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5721 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI5721_03 Datasheet HTML 3Page - Intersil Corporation HI5721_03 Datasheet HTML 4Page - Intersil Corporation HI5721_03 Datasheet HTML 5Page - Intersil Corporation HI5721_03 Datasheet HTML 6Page - Intersil Corporation HI5721_03 Datasheet HTML 7Page - Intersil Corporation HI5721_03 Datasheet HTML 8Page - Intersil Corporation HI5721_03 Datasheet HTML 9Page - Intersil Corporation HI5721_03 Datasheet HTML 10Page - Intersil Corporation HI5721_03 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Typical Performance Curves
FIGURE 4. INTEGRAL NON-LINERARITY “BEST FIT”
STRAIGHT LINE
FIGURE 5. DIFFERENTIAL NON-LINEARITY
FIGURE 6. SPURIOUS FREE DYNAMIC RANGE TO NYQUIST
25MHz FUNDAMENTAL
FIGURE 7. SPURIOUS FREE DYNAMIC RANGE TO NYQUIST
2MHz FUNDAMENTAL
FIGURE 8. INTERMODULATION DISTORTION
FIGURE 9. SPURIOUS FREE DYNAMIC RANGE (TO NYQUIST)
vs OUTPUT FREQUENCY
1023
DATA CODE
1.0
0.5
0
-0.5
-1.0
0
200
600
800
400
1023
DATA CODE
+0.5
0.2
0
-0.2
-0.5
0
200
600
800
400
0.4
-0.4
START 0Hz
STOP 62.50MHz
RBW 3.0kHz
VBW 1kHz
SWP 53.0s
ATTEN 20dB
RL -10.0dBm
10dB/
∆MKR -54.16dB
25.2MHz
HI-5721
fCLK = 125 MSPS
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
fOUT = 25 MHZ
START 0Hz
STOP 62.50MHz
RBW 3.0kHz
VBW 1.0kHz
SWP 53.0s
ATTEN 20dB
RL -10.0dBm
10dB/
SFDR = -55.8dBc
HI-5721
fCLK = 125 MSPS
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
fOUT = 2 MHz
FREQUENCY (MHz)
0.0
-20
-40
-60
-110
02
6
4
-80
-100
800kHz
900kHz
f1 = 800kHz
f2 = 900kHz
fOUT (MHz)
60
59
58
57
56
55
54
53
52
51
50
49
48
fCLK = 125 MSPS
fCLK = 100 MSPS
224
10
12
4
6
14
16
20
826
18
22
HI5721


Similar Part No. - HI5721_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5721-EVP INTERSIL-HI5721-EVP Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
HI5721-EVS INTERSIL-HI5721-EVS Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
HI5721BIB INTERSIL-HI5721BIB Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
HI5721BIP INTERSIL-HI5721BIP Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
More results

Similar Description - HI5721_03

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com