Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5721BIP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5721BIP
Description  10-Bit, 125MSPS, High Speed D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5721BIP Datasheet(HTML) 1 Page - Intersil Corporation

  HI5721BIP Datasheet HTML 1Page - Intersil Corporation HI5721BIP Datasheet HTML 2Page - Intersil Corporation HI5721BIP Datasheet HTML 3Page - Intersil Corporation HI5721BIP Datasheet HTML 4Page - Intersil Corporation HI5721BIP Datasheet HTML 5Page - Intersil Corporation HI5721BIP Datasheet HTML 6Page - Intersil Corporation HI5721BIP Datasheet HTML 7Page - Intersil Corporation HI5721BIP Datasheet HTML 8Page - Intersil Corporation HI5721BIP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN3949.8
HI5721
10-Bit, 125MSPS, High Speed D/A
Converter
The HI5721 is a 10-bit, 125MSPS, high speed D/A
converter. The converter incorporates a 10-bit, input data
register with quadrature data logic capability and current
outputs. The HI5721 features low glitch energy and excellent
frequency domain specifications.
Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 125MSPS
• Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700mW
• Integral Linearity Error . . . . . . . . . . . . . . . . . . . . . 1.5 LSB
• Low Glitch Energy . . . . . . . . . . . . . . . . . . . . . . . . .1.5pV•s
• TTL/CMOS Compatible Inputs
• Improved Hold Time . . . . . . . . . . . . . . . . . . . . . . . . . 0.5ns
• Excellent Spurious Free Dynamic Range
• Improved Second Source for the AD9721
Applications
• Wireless Communications
• Direct Digital Frequency Synthesis
• Signal Reconstruction
• HDTV
• Test Equipment
• High Resolution Imaging Systems
• Arbitrary Waveform Generators
Pinout
HI5721
(PDIP, SOIC)
TOP VIEW
Part Number Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HI5721BIP
-40 to 85
28 Ld PDIP
E28.6
HI5721BIB
-40 to 85
28 Ld SOIC (W)
M28.3
HI5721-EVP
25
Evaluation Board (PDIP)
HI5721-EVS
25
Evaluation Board (SOIC)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D9 (MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
CLOCK
NC
INVERT
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DGND
CTRL AMP IN
REF OUT
CTRL AMP OUT
REF IN
IOUT
ARTN
AGND
RSET
DVEE
DGND
DVEE
AVEE
IOUT
Data Sheet
March 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
con
tact
our
Tech
nica
l Su
ppo
rt Ce
nter
at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.
com
/tsc


Similar Part No. - HI5721BIP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5721BIP INTERSIL-HI5721BIP Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
More results

Similar Description - HI5721BIP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
List of Unclassifed Man...
KAD5610P ETC2-KAD5610P Datasheet
684Kb / 28P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P-25Q72 INTERSIL-KAD5610P-25Q72 Datasheet
814Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
September 10, 2009
logo
Renesas Technology Corp
KAD5610P RENESAS-KAD5610P Datasheet
1Mb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
KAD5610P_0909 INTERSIL-KAD5610P_0909 Datasheet
813Kb / 30P
   Dual 10-Bit, 250/210/170/125MSPS A/D Converter
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com