Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1145IPZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA1145IPZ
Description  330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1145IPZ Datasheet(HTML) 4 Page - Intersil Corporation

  HFA1145IPZ Datasheet HTML 1Page - Intersil Corporation HFA1145IPZ Datasheet HTML 2Page - Intersil Corporation HFA1145IPZ Datasheet HTML 3Page - Intersil Corporation HFA1145IPZ Datasheet HTML 4Page - Intersil Corporation HFA1145IPZ Datasheet HTML 5Page - Intersil Corporation HFA1145IPZ Datasheet HTML 6Page - Intersil Corporation HFA1145IPZ Datasheet HTML 7Page - Intersil Corporation HFA1145IPZ Datasheet HTML 8Page - Intersil Corporation HFA1145IPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN3955.5
June 1, 2006
Second Harmonic Distortion
(VOUT = 2VP-P, Note 6)
10MHz
B
25
-
-48
-
dBc
20MHz
B
25
-
-44
-
dBc
Third Harmonic Distortion
(VOUT = 2VP-P, Note 6)
10MHz
B
25
-
-50
-
dBc
20MHz
B
25
-
-45
-
dBc
Reverse Isolation (S12, Note 6)
30MHz
B
25
-
-55
-
dB
TRANSIENT CHARACTERISTICS
AV = +2, RF = 510Ω, Unless Otherwise Specified
Rise and Fall Times
VOUT = 0.5VP-P
B
25
-
1.1
-
ns
B
Full
-
1.4
-
ns
Overshoot (Note 4)
(VOUT = 0 to 0.5V, VIN tRISE = 1ns)
+OS
B
25
-
3
-
%
-OS
B
25
-
5
-
%
Overshoot (Note 4)
(VOUT = 0.5VP-P, VIN tRISE = 1ns)
+OS
B
25
-
3
-
%
-OS
B
25
-
11
-
%
Slew Rate
(VOUT = 4VP-P, AV = +1, +RS = 510Ω)
+SR
B
25
-
1000
-
V/
μs
B
Full
-
975
-
V/
μs
-SR (Note 5)
B
25
-
650
-
V/
μs
B
Full
-
580
-
V/
μs
Slew Rate
(VOUT = 5VP-P, AV = +2)
+SR
B
25
-
1400
-
V/
μs
B
Full
-
1200
-
V/
μs
-SR (Note 5)
B
25
-
800
-
V/
μs
B
Full
-
700
-
V/
μs
Slew Rate
(VOUT = 5VP-P, AV = -1)
+SR
B
25
-
2100
-
V/
μs
B
Full
-
1900
-
V/
μs
-SR (Note 5)
B
25
-
1000
-
V/
μs
B
Full
-
900
-
V/
μs
Settling Time
(VOUT = +2V to 0V step, Note 6)
To 0.1%
B
25
-
15
-
ns
To 0.05%
B
25
-
23
-
ns
To 0.02%
B
25
-
30
-
ns
Overdrive Recovery Time
VIN = ±2V
B
25
-
8.5
-
ns
VIDEO CHARACTERISTICS
AV = +2, RF = 510Ω, Unless Otherwise Specified
Differential Gain
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.02
-
%
RL = 75Ω
B
25
-
0.03
-
%
Differential Phase
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.03
-
Degrees
RL = 75Ω
B
25
-
0.05
-
Degrees
DISABLE CHARACTERISTICS
Disabled Supply Current
VDISABLE = 0V
A
Full
-
3
4
mA
DISABLE Input Logic Low
A
Full
-
-
0.8
V
DISABLE Input Logic High
A
25, 85
2.0
-
-
V
A
-40
2.4
-
-
V
DISABLE Input Logic Low Current
VDISABLE = 0V
A
Full
-
100
200
μA
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP. (°C)
MIN
TYP
MAX
UNITS
HFA1145


Similar Part No. - HFA1145IPZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1145IPZ RENESAS-HFA1145IPZ Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
More results

Similar Description - HFA1145IPZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105 INTERSIL-HFA1105_06 Datasheet
304Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
logo
Renesas Technology Corp
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
248Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com