Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4020IB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP4020IB
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4020IB Datasheet(HTML) 9 Page - Intersil Corporation

  HIP4020IB Datasheet HTML 1Page - Intersil Corporation HIP4020IB Datasheet HTML 2Page - Intersil Corporation HIP4020IB Datasheet HTML 3Page - Intersil Corporation HIP4020IB Datasheet HTML 4Page - Intersil Corporation HIP4020IB Datasheet HTML 5Page - Intersil Corporation HIP4020IB Datasheet HTML 6Page - Intersil Corporation HIP4020IB Datasheet HTML 7Page - Intersil Corporation HIP4020IB Datasheet HTML 8Page - Intersil Corporation HIP4020IB Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN3976.3
December 20, 2005
HIP4020
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.15mm (0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.25mm (0.010
inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch)
10. Controlling dimension: MILLIMETER. Converted inch
dimensions are not necessarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
B S
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
α
M20.3 (JEDEC MS-013-AC ISSUE C)
20 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0926
0.1043
2.35
2.65
-
A1
0.0040
0.0118
0.10
0.30
-
B
0.014
0.019
0.35
0.49
9
C
0.0091
0.0125
0.23
0.32
-
D
0.4961
0.5118
12.60
13.00
3
E
0.2914
0.2992
7.40
7.60
4
e
0.050 BSC
1.27 BSC
-
H
0.394
0.419
10.00
10.65
-
h
0.010
0.029
0.25
0.75
5
L
0.016
0.050
0.40
1.27
6
N20
20
7
α
-
Rev. 2 6/05


Similar Part No. - HIP4020IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4020IB INTERSIL-HIP4020IB Datasheet
65Kb / 8P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
HIP4020IB INTERSIL-HIP4020IB Datasheet
273Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
logo
Renesas Technology Corp
HIP4020IB RENESAS-HIP4020IB Datasheet
501Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
logo
Intersil Corporation
HIP4020IBZ INTERSIL-HIP4020IBZ Datasheet
273Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
logo
Renesas Technology Corp
HIP4020IBZ RENESAS-HIP4020IBZ Datasheet
501Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
More results

Similar Description - HIP4020IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4020 INTERSIL-HIP4020 Datasheet
65Kb / 8P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
logo
Renesas Technology Corp
HIP4020 RENESAS-HIP4020 Datasheet
501Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
logo
Intersil Corporation
HIP4020IB INTERSIL-HIP4020IB Datasheet
273Kb / 10P
   Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
September 17, 2015
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
logo
STMicroelectronics
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
Toshiba Semiconductor
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
   Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TA8482FN TOSHIBA-TA8482FN Datasheet
545Kb / 17P
   BRIDGE DRIVER SENSOR AMP 1-CHIP IC FOR DC MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com