Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5805 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HI5805
Description  12-Bit, 5MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5805 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HI5805_05 Datasheet HTML 4Page - Intersil Corporation HI5805_05 Datasheet HTML 5Page - Intersil Corporation HI5805_05 Datasheet HTML 6Page - Intersil Corporation HI5805_05 Datasheet HTML 7Page - Intersil Corporation HI5805_05 Datasheet HTML 8Page - Intersil Corporation HI5805_05 Datasheet HTML 9Page - Intersil Corporation HI5805_05 Datasheet HTML 10Page - Intersil Corporation HI5805_05 Datasheet HTML 11Page - Intersil Corporation HI5805_05 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Again, the difference between the two internal voltage
references is 2V. If VIN is a 4VP-P sinewave, then VIN+ is a
4VP-P sinewave riding on a positive voltage equal to VDC.
The converter will be at positive full scale when VIN+ is at
VDC + 2V (VIN+ - VIN- = 2V) and will be at negative full scale
when VIN+ is equal to VDC - 2V (VIN+ - VIN- = -2V). In this
case, VDC could range between 2V and 3V without a
significant change in ADC performance. The simplest way to
produce VDC is to use the VDC bias voltage output of the
HI5805.
The single ended analog input can be DC coupled (Figure
18) as long as the input is within the analog input common
mode voltage range.
The resistor, R, in Figure 18 is not absolutely necessary but
may be used as a load setting resistor. A capacitor, C,
connected from VIN+ to VIN- will help filter any high
frequency noise on the inputs, also improving performance.
Values around 20pF are sufficient and can be used on AC
coupled inputs as well. Note, however, that the value of
capacitor C chosen must take into account the highest
frequency component of the analog input signal.
A single ended source will give better overall system
performance if it is first converted to differential before
driving the HI5805.
Digital I/O and Clock Requirements
The HI5805 provides a standard high-speed interface to
external TTL/CMOS logic families. The digital CMOS clock
input has TTL level thresholds. The low input bias current
allows the HI5805 to be driven by CMOS logic.
The digital CMOS outputs have a separate digital supply.
This allows the digital outputs to operate from a 3.0V to 5.0V
supply. When driving CMOS logic, the digital outputs will
swing to the rails. When driving standard TTL loads, the
digital outputs will meet standard TTL level requirements
even with a 3.0V supply.
In order to ensure rated performance of the HI5805, the duty
cycle of the clock should be held at 50%
±5%. It must also
have low jitter and operate at standard TTL levels.
Performance of the HI5805 will only be guaranteed at
conversion rates above 0.5MSPS. This ensures proper
performance of the internal dynamic circuits.
Supply and Ground Considerations
The HI5805 has separate analog and digital supply and
ground pins to keep digital noise out of the analog signal
path. The part should be mounted on a board that provides
separate low impedance connections for the analog and
digital supplies and grounds. For best performance, the
supplies to the HI5805 should be driven by clean, linear
regulated supplies. The board should also have good high
frequency decoupling capacitors mounted as close as
possible to the converter. If the part is powered off a single
supply then the analog supply and ground pins should be
isolated by ferrite beads from the digital supply and ground
pins.
Refer to the Application Note AN9214, “Using Intersil High
Speed A/D Converters” for additional considerations when
using high speed converters.
Static Performance Definitions
Offset Error (VOS)
The midscale code transition should occur at a level 1/4 LSB
above half scale. Offset is defined as the deviation of the
actual code transition from this point.
Full-Scale Error (FSE)
The last code transition should occur for an analog input that
is 3/4 LSB below positive full scale with the offset error
removed. Full-scale error is defined as the deviation of the
actual code transition from this point.
Differential Linearity Error (DNL)
DNL is the worst case deviation of a code width from the
ideal value of 1 LSB.
Integral Linearity Error (INL)
INL is the worst case deviation of a code center from a best
fit straight line calculated from the measured data.
Power Supply Rejection Ratio (PSRR)
Each of the power supplies are moved plus and minus 5%
and the shift in the offset and gain error (in LSBs) is noted.
VIN+
VIN-
HI5805
VIN
VDC
FIGURE 17. AC COUPLED SINGLE ENDED INPUT
VIN+
VIN-
HI5805
VDC
R
C
VIN
VDC
FIGURE 18. DC COUPLED SINGLE ENDED INPUT
HI5805


Similar Part No. - HI5805_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5805BIB INTERSIL-HI5805BIB Datasheet
113Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5805BIB RENESAS-HI5805BIB Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
HI5805BIBZ RENESAS-HI5805BIBZ Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805EVAL1 INTERSIL-HI5805EVAL1 Datasheet
113Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5805EVAL1 RENESAS-HI5805EVAL1 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
More results

Similar Description - HI5805_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5805 RENESAS-HI5805 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805 INTERSIL-HI5805 Datasheet
113Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
logo
Intersil Corporation
HI5905 INTERSIL-HI5905_03 Datasheet
581Kb / 11P
   14-Bit, 5MSPS A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
logo
Analog Devices
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com