Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4600CBZ96 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA4600CBZ96
Description  480MHz, SOT-23, Video Buffer with Output Disable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4600CBZ96 Datasheet(HTML) 6 Page - Intersil Corporation

  HA4600CBZ96 Datasheet HTML 1Page - Intersil Corporation HA4600CBZ96 Datasheet HTML 2Page - Intersil Corporation HA4600CBZ96 Datasheet HTML 3Page - Intersil Corporation HA4600CBZ96 Datasheet HTML 4Page - Intersil Corporation HA4600CBZ96 Datasheet HTML 5Page - Intersil Corporation HA4600CBZ96 Datasheet HTML 6Page - Intersil Corporation HA4600CBZ96 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FN3990.8
December 22, 2005
Typical Performance Curves VSUPPLY = ±5V, TA = 25°C, RL = 10kΩ, Unless Otherwise Specified
FIGURE 3. LARGE SIGNAL PULSE RESPONSE
FIGURE 4. INPUT CAPACITANCE vs FREQUENCY
FIGURE 5. FREQUENCY RESPONSE
FIGURE 6. GAIN FLATNESS
FIGURE 7. OFF ISOLATION
1.0
0.75
0.5
0.25
0
-0.25
-0.5
-0.75
-1.0
TIME (5ns/DIV.)
1
10
100
FREQUENCY (MHz)
0.75
0.80
0.85
0.90
0.95
1.0
1.05
1.10
1.15
1.20
1.25
500
12
9
6
3
0
-3
-6
-9
-12
110
100
750
FREQUENCY (MHz)
RS = 36Ω
CL = 21pF
RS = 82Ω
CL = 10pF
RS = 43Ω
CL = 15pF
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
1
10
100
500
FREQUENCY (MHz)
RS = 36Ω
CL = 21pF
RS = 82Ω
CL = 10pF
RS = 43Ω
CL = 15pF
-50
-60
-70
-80
-90
-100
-110
-120
-130
1
10
100
500
FREQUENCY (MHz)
VIN = 1VP-P
RL = 10Ω
PDIP, SOIC
PDIP, SOIC
SOT-23
HA4600


Similar Part No. - HA4600CBZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4600CBZ96 INTERSIL-HA4600CBZ96 Datasheet
245Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
October 2, 2015
logo
Renesas Technology Corp
HA4600CBZ96 RENESAS-HA4600CBZ96 Datasheet
429Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
More results

Similar Description - HA4600CBZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4600CPZ INTERSIL-HA4600CPZ Datasheet
245Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
October 2, 2015
HA4600 INTERSIL-HA4600 Datasheet
82Kb / 7P
   480MHz, SOT-23, Video Buffer with Output Disable
June 2000
logo
Renesas Technology Corp
HA4600 RENESAS-HA4600 Datasheet
429Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
HA4201 RENESAS-HA4201 Datasheet
440Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
logo
Intersil Corporation
HA4201 INTERSIL-HA4201_06 Datasheet
346Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com