Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4600CHZ96 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA4600CHZ96
Description  480MHz, SOT-23, Video Buffer with Output Disable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4600CHZ96 Datasheet(HTML) 4 Page - Intersil Corporation

  HA4600CHZ96 Datasheet HTML 1Page - Intersil Corporation HA4600CHZ96 Datasheet HTML 2Page - Intersil Corporation HA4600CHZ96 Datasheet HTML 3Page - Intersil Corporation HA4600CHZ96 Datasheet HTML 4Page - Intersil Corporation HA4600CHZ96 Datasheet HTML 5Page - Intersil Corporation HA4600CHZ96 Datasheet HTML 6Page - Intersil Corporation HA4600CHZ96 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FN3990.8
December 22, 2005
Application Information
General
The HA4600 is a unity gain buffer that is optimized for high
performance video applications. The output disable function
makes it ideal for the matrix element in small, high input-to-
output isolation switchers and routers. This buffer contains no
feedback or gain setting resistors, so the output is a true high
impedance load when the IC is disabled (EN = 0). The HA4600
also excels as an input buffer for routers with a large number of
outputs (i.e. each input must connect to a large number of
outputs) and delivers performance superior to most video
amplifiers at a fraction of the cost. As an input buffer, the
HA4600’s low input capacitance and high input resistance
provide excellent video terminations when used with an
external 75
Ω resistor.
Frequency Response
Most applications utilizing the HA4600 require a series
output resistor, RS, to tune the response for the specific load
capacitance, CL, driven. Bandwidth and slew rate degrade
as CL increases (as shown in the Electrical Specification
table), so give careful consideration to component
placement to minimize trace length. As an example, -3dB
bandwidth decreases to 160MHz for CL = 100pF, RS =0Ω.
In big matrix configurations where CL is large, better
frequency response is obtained by cascading two levels of
crosspoints in the case of multiplexed outputs (see Figure
2), or distributing the load between two drivers if CL is due to
bussing and subsequent stage input capacitance.
Control Signals
EN - The ENABLE input is a TTL/CMOS compatible, active
high input. When driven low this input forces the output to a
true high impedance state and reduces the power
dissipation by two orders of magnitude. The EN input has no
on-chip pull-up resistor, so it must be connected to a logic
high (recommend V+) if the enable function isn’t utilized.
Switcher/Router Applications
Figure 1 illustrates one possible implementation of a
wideband, low power, 4 x 4 switcher/router. A 4 x 4
switcher/router allows any of the four outputs to be driven by
any one of the four inputs (e.g. each of the four inputs may
connect to a different output, or an input may connect to
multiple outputs). This application utilizes the HA4600 for the
input buffer, the HA4404 (4 x 1 crosspoint switch) as the
switch matrix, and the HFA1112 (programmable gain buffer)
as the gain of two output driver. Figure 2 details a 16 x 1
switcher (basically a 16:1 MUX) which uses the HA4600 in a
cascaded stage configuration to minimize capacitive loading
at each output node, thus increasing system bandwidth.
Power Up Considerations
No signals should be applied to the analog or digital inputs
before the power supplies are activated. Latch-up may occur
if the inputs are driven at the time of power up. To prevent
latch-up, the input currents during power up must not exceed
the values listed in the Absolute Maximum Ratings.
Intersil’s Crosspoint Family
Intersil offers a variety of 1 x 1 and 4 x 1 crosspoint switches. In
addition to the HA4600, the 1 x 1 family includes the HA4201
which is an essentially similar device that includes a Tally
output (enable indicator). The 4 x 1 family is comprised of the
HA4314, HA4404, and HA4344. The HA4314 is a 14 lead basic
4 x 1 crosspoint. The HA4404 is a 16 lead device with Tally
outputs to indicate the selected channel. The HA4344 is a 16
lead crosspoint with synchronized control lines (A0, A1, CS).
With synchronization, the control information for the next
channel switch can be loaded into the crosspoint without
affecting the current state. On a subsequent clock edge the
stored control state effects the desired channel switch.
HA4600


Similar Part No. - HA4600CHZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4600CHZ96 INTERSIL-HA4600CHZ96 Datasheet
245Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
October 2, 2015
logo
Renesas Technology Corp
HA4600CHZ96 RENESAS-HA4600CHZ96 Datasheet
429Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
More results

Similar Description - HA4600CHZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4600CPZ INTERSIL-HA4600CPZ Datasheet
245Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
October 2, 2015
HA4600 INTERSIL-HA4600 Datasheet
82Kb / 7P
   480MHz, SOT-23, Video Buffer with Output Disable
June 2000
logo
Renesas Technology Corp
HA4600 RENESAS-HA4600 Datasheet
429Kb / 8P
   480MHz, SOT-23, Video Buffer with Output Disable
HA4201 RENESAS-HA4201 Datasheet
440Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
logo
Intersil Corporation
HA4201 INTERSIL-HA4201_06 Datasheet
346Kb / 8P
   480MHz, 1x1 Video Crosspoint Switch with Tally Output
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com