Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2100IRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP2100IRZ
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2100IRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP2100IRZ Datasheet HTML 2Page - Intersil Corporation HIP2100IRZ Datasheet HTML 3Page - Intersil Corporation HIP2100IRZ Datasheet HTML 4Page - Intersil Corporation HIP2100IRZ Datasheet HTML 5Page - Intersil Corporation HIP2100IRZ Datasheet HTML 6Page - Intersil Corporation HIP2100IRZ Datasheet HTML 7Page - Intersil Corporation HIP2100IRZ Datasheet HTML 8Page - Intersil Corporation HIP2100IRZ Datasheet HTML 9Page - Intersil Corporation HIP2100IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN4022.13
Timing Diagrams
Pin Descriptions
SYMBOL
DESCRIPTION
VDD
Positive Supply to lower gate drivers. De-couple this pin to VSS. Bootstrap diode connected to HB.
HB
High-Side Bootstrap supply. External bootstrap capacitor is required. Connect positive side of bootstrap capacitor to this pin.
Bootstrap diode is on-chip.
HO
High-Side Output. Connect to gate of High-Side power MOSFET.
HS
High-Side Source connection. Connect to source of High-Side power MOSFET. Connect negative side of bootstrap capacitor to
this pin.
HI
High-Side input.
LI
Low-Side input.
VSS
Chip negative supply, generally will be ground.
LO
Low-Side Output. Connect to gate of Low-Side power MOSFET.
EPAD
Exposed Pad. Connect to ground or float. The EPAD is electrically isolated from all other pins.
FIGURE 3.
FIGURE 4.
tHPLH,
tLPLH
tHPHL,
tLPHL
HI,
LI
HO,
LO
tMON
tMOFF
LI
HI
LO
HO
Typical Performance Curves
FIGURE 5. OPERATING CURRENT vs FREQUENCY
FIGURE 6. HB TO VSS OPERATING CURRENT vs
FREQUENCY
T = 125°C
T = 25°C
T = -40°C
T = 150°C
10
100
1000
10
1
0.1
0.01
FREQUENCY (kHz)
T = -40°C
T = 125°C
T = 25°C
T = 150°C
10
1
0.1
0.01
10
100
1000
FREQUENCY (kHz)
HIP2100


Similar Part No. - HIP2100IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
387Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
logo
Renesas Technology Corp
HIP2100IRZ RENESAS-HIP2100IRZ Datasheet
670Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
More results

Similar Description - HIP2100IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
logo
Renesas Technology Corp
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101 INTERSIL-HIP2101 Datasheet
413Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2100 RENESAS-HIP2100 Datasheet
670Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101EIBZT INTERSIL-HIP2101EIBZT Datasheet
419Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2106 INTERSIL-HIP2106 Datasheet
66Kb / 8P
   100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com