Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2102-DZK Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC2102-DZK
Description  RPM-Based Fan Controller with HW Thermal Shutdown
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2102-DZK Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC2102-DZK Datasheet HTML 6Page - SMSC Corporation EMC2102-DZK Datasheet HTML 7Page - SMSC Corporation EMC2102-DZK Datasheet HTML 8Page - SMSC Corporation EMC2102-DZK Datasheet HTML 9Page - SMSC Corporation EMC2102-DZK Datasheet HTML 10Page - SMSC Corporation EMC2102-DZK Datasheet HTML 11Page - SMSC Corporation EMC2102-DZK Datasheet HTML 12Page - SMSC Corporation EMC2102-DZK Datasheet HTML 13Page - SMSC Corporation EMC2102-DZK Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
Revision 1.95 (10-19-06)
10
SMSC EMC2102
DATASHEET
The pin type are described in detail below. All pins labelled with (5V) are 5V tolerant.:
Power - this pin is used to supply power to the device.
DI - Digital Input - this pin is used as a digital input. This pin is 5V tolerant.
AI - Analog Input - this pin is used as an input for analog signals..
AO - Analog Output - this pin is used as an output for analog signals.
AIO - Analog Input / Output - this pin is used as an I/O for analog signals.
DO - Push / Pull Digital Output - this pin is used as a digital output. It can both source and sink current
and doesn’t require a pull-up resistor.
DIOD - Open Drain Digital Input / Output - this pin is used as an digital I/O. It is open drain and requires
a pull-up resistor. This pin is 5V tolerant.
OD - Open Drain Digital Output - this pin is used as a digital output. It is open drain and requires a
pull-up resistor.
DIT - Tri-stated Digital Input - this pin is a digital input that supports 3 logic levels at the input: logic
high, logic low, or high impedance (open).
IP - Digital Input - this pin has an internal 30uA pull-up current to VDD_3V
24
VDD_5V
5V supply input for the linear fan
driver. Both VDD_5V pins should be
connected to same 5V supply.
Power
25
FAN
Linear fan drive signal. Both FAN pins
should be connected together.
AO
26
FAN
Linear fan drive signal. Both FAN pins
should be connected together.
AO
27
VDD_5V
5V supply input for the linear fan
driver. Both VDD_5V pins should be
connected to same 5V supply.
Power
28
TACH
Input from the tachometer pin of the
fan.
DI (5V)
Table 2.1 Pin Description (continued)
PIN
NAME
FUNCTION
TYPE


Similar Part No. - EMC2102-DZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2101 SMSC-EMC2101 Datasheet
1Mb / 55P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
logo
Microchip Technology
EMC2101 MICROCHIP-EMC2101 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
EMC2101 MICROCHIP-EMC2101 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC2101-ACZL-TR SMSC-EMC2101-ACZL-TR Datasheet
1Mb / 55P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC2101-ACZL-TR SMSC-EMC2101-ACZL-TR Datasheet
1Mb / 57P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
More results

Similar Description - EMC2102-DZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
   RPM-Based Fan Controller with HW Thermal Shutdown
EMC2103DB SMSC-EMC2103DB Datasheet
293Kb / 9P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2112 SMSC-EMC2112 Datasheet
930Kb / 65P
   RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2106 SMSC-EMC2106 Datasheet
1Mb / 106P
   Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
   Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2106 SMSC-EMC2106_09 Datasheet
2Mb / 106P
   Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104_11 Datasheet
1Mb / 99P
   Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com