Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5741-EVS Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5741-EVS
Description  14-Bit, 100MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5741-EVS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI5741-EVS Datasheet HTML 3Page - Intersil Corporation HI5741-EVS Datasheet HTML 4Page - Intersil Corporation HI5741-EVS Datasheet HTML 5Page - Intersil Corporation HI5741-EVS Datasheet HTML 6Page - Intersil Corporation HI5741-EVS Datasheet HTML 7Page - Intersil Corporation HI5741-EVS Datasheet HTML 8Page - Intersil Corporation HI5741-EVS Datasheet HTML 9Page - Intersil Corporation HI5741-EVS Datasheet HTML 10Page - Intersil Corporation HI5741-EVS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN4071.12
September 20, 2006
FIGURE 10. SFDR vs CLOCK FREQUENCY
FIGURE 11. SFDR vs CLOCK FREQUENCY
FIGURE 12. SFDR vs fOUT
FIGURE 13. SFDR vs fOUT
FIGURE 14. SFDR vs fOUT
FIGURE 15. HARMONIC DISTORTION vs CLOCK FREQUENCY
Typical Performance Curves (Continued)
50
fCLK (MSPS)
90
85
80
75
70
65
60
60 70 80 90 100
40
30
20
10
fOUT = (1/10) fCLK
50
fCLK (MSPS)
90
85
80
75
70
65
60
60 70 80 90100
40
30
20
10
fOUT = (1/5) fCLK
fOUT (MSPS)
82
80
76
68
66
64
62
10
5
1
74
72
70
fCLK = 50 MSPS
fOUT (MHz)
82
80
76
68
66
64
62
10
5
1
74
72
70
15
fCLK = 75 MSPS
78
fOUT (MHz)
80
78
76
68
66
64
62
10
5
1
74
72
70
15
fCLK = 100 MSPS
20
50
fCLK (MSPS)
-72
-74
-76
-78
-80
-82
-86
60 70 80 90100
40
30
20
10
-84
fOUT = 2.03MHz
3RD HARMONIC
2ND HARMONIC
HI5741


Similar Part No. - HI5741-EVS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5741-EVS INTERSIL-HI5741-EVS Datasheet
159Kb / 12P
   14-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Renesas Technology Corp
HI5741-EVS RENESAS-HI5741-EVS Datasheet
771Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
More results

Similar Description - HI5741-EVS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5741 RENESAS-HI5741 Datasheet
771Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5731 INTERSIL-HI5731_04 Datasheet
528Kb / 17P
   12-Bit, 100MSPS, High Speed D/A Converter
HI5731BIPZ INTERSIL-HI5731BIPZ Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
October 2, 2015
logo
Renesas Technology Corp
HI5731 RENESAS-HI5731 Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
HI5960 RENESAS-HI5960 Datasheet
552Kb / 12P
   14-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5741 INTERSIL-HI5741 Datasheet
159Kb / 12P
   14-Bit, 100 MSPS, High Speed D/A Converter
May 2000
logo
Analog Devices
AD9712 AD-AD9712 Datasheet
2Mb / 8P
   12-BIT, 100MSPS D/A CONVERTERS
REV. A
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
HI5960 INTERSIL-HI5960 Datasheet
88Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com