Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3410 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MC3410
Description  10-Bit high-speed multiplying D/A converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC3410 Datasheet(HTML) 5 Page - NXP Semiconductors

  MC3410 Datasheet HTML 1Page - NXP Semiconductors MC3410 Datasheet HTML 2Page - NXP Semiconductors MC3410 Datasheet HTML 3Page - NXP Semiconductors MC3410 Datasheet HTML 4Page - NXP Semiconductors MC3410 Datasheet HTML 5Page - NXP Semiconductors MC3410 Datasheet HTML 6Page - NXP Semiconductors MC3410 Datasheet HTML 7Page - NXP Semiconductors MC3410 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
MC3410,
MC3410C
10-Bit high-speed multiplying D/A converter
August 31, 1994
747
When a DC reference voltage is used, capacitive bypass to ground
is recommended. The 5V logic supply is not recommended as a
reference voltage. If a well regulated 5.0V supply, which drives logic,
is to be used as the reference, R16 should be decoupled by
connecting it to the +5.0V logic supply through another resistor and
bypassing the junction of the two resistors with a 0.1
µF capacitor to
ground.
The reference amplifier is internally-compensated with a 10pF
feed-forward capacitor, which gives it its high slew rate and fast
settling time. Proper phase margin is maintained with all possible
values of R16 and reference voltages which supply 2.0mA reference
current into Pin 16. The reference current can also be supplied by a
high impedance current source of 2.0mA. As R16 increases, the
bandwidth of the amplifier decreases slightly and settling time
increases. For a current source with a dynamic output impedance of
1.0M
Ω, the bandwidth of the reference amplifier is approximately
half what it is in the case of R16=1.0kΩ, and settling time is ≈ 10µs.
The reference amplifier phase margin decreases as the current
source value decreases in the case of a current source reference,
so that the minimum reference current supplied from a current
source is 0.5mA for stability.
OUTPUT VOLTAGE COMPLIANCE
The output voltage compliance ranges from -2.5 to +0.2V. As shown
in Figure 2, this compliance range is nearly constant over
temperature. At the temperature extremes, however, the compliance
voltage may be reduced if VEE>-15V.
ACCURACY
Absolute accuracy is a measure of each output current level with
respect to its intended value. It is dependent upon relative accuracy
and full-scale current drift. Relative accuracy, or linearity, is the
measure of each output current with respect to its intended fraction
of the full-scale current. The relative accuracy of the MC3410 is
fairly constant over temperature due to the excellent temperature
tracking, of the implanted resistors. The full-scale current from the
reference amplifier may drift with temperature causing a change in
the absolute accuracy. However, the MC3410 has a low full-scale
current drift with temperature.
The MC3410 are accurate to within
±0.05% at 25°C with a reference
current of 2.0mA on Pin 16.
Figure 5. MC3410 Equivalent Circuit
CODE SELECTED 0111110011
R
MSB
LSB
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
GND
(2)
(3)
(INTERNAL)
2R
SEGMENT
DECODER
(15)
(16)
+
R
2R
R
2R
R
2R
R
2R
R
2R
2R
2R
2R1
R1
R1
R1
R1
VEE (1)
VREF
+
VBIAS
IOUT
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10


Similar Part No. - MC3410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
More results

Similar Description - MC3410

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com