Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3086EVAL Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI3086EVAL
Description  6-Bit, 140 MSPS, Flash A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3086EVAL Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI3086EVAL Datasheet HTML 5Page - Intersil Corporation HI3086EVAL Datasheet HTML 6Page - Intersil Corporation HI3086EVAL Datasheet HTML 7Page - Intersil Corporation HI3086EVAL Datasheet HTML 8Page - Intersil Corporation HI3086EVAL Datasheet HTML 9Page - Intersil Corporation HI3086EVAL Datasheet HTML 10Page - Intersil Corporation HI3086EVAL Datasheet HTML 11Page - Intersil Corporation HI3086EVAL Datasheet HTML 12Page - Intersil Corporation HI3086EVAL Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
VID
DGND3
VIH (MAX)
VIL
VTH (DGND3 - 1.2V)
VIH
VIL (MIN)
FIGURE 1. ECL AND PECL SWITCHING LEVEL
TABLE 1. I/O CORRESPONDENCE
VIN
STEP
INV
10
D5
D0
D5
D0
VRTS
63
111111000000
62
111110000001
32
100000011111
31
011111100000
1
000001111110
VRBS
0
000000111111
R2 x IREF
1 LSB
R1 x IREF
63
62
61
60
59
58
5
4
3
2
1
0
VRT VRTS
VIN
VRBS VRB
FIGURE 2.
Test Circuits
FIGURE 3. CURRENT CONSUMPTION MEASUREMENT
CIRCUIT
FIGURE 4. SAMPLING DELAY MEASUREMENT CIRCUIT
APERTURE JITTER MEASUREMENT CIRCUIT
VRT
VIN
VRB
AVCC
DVCC1
DVCC2
DGND2
DGND1
AGND
DGND3
CLK/E
DVEE3
4V
1.95V
2V
5MHz PECL
A
A
5V
5V
ICC
IEE
LOGIC
ALALYZER
HI3086
VIN
CLK
AMP
6
1024
SAMPLES
ECL
BUFFER
OSC1
φ: VARIABLE
OSC2
100MHz
fR
100MHz
HI3086


Similar Part No. - HI3086EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3086EVAL INTERSIL-HI3086EVAL Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
More results

Similar Description - HI3086EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3086 INTERSIL-HI3086 Datasheet
215Kb / 19P
   6-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Intersil Corporation
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com