Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1178 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1178
Description  Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1178 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1178_05 Datasheet HTML 1Page - Intersil Corporation HI1178_05 Datasheet HTML 2Page - Intersil Corporation HI1178_05 Datasheet HTML 3Page - Intersil Corporation HI1178_05 Datasheet HTML 4Page - Intersil Corporation HI1178_05 Datasheet HTML 5Page - Intersil Corporation HI1178_05 Datasheet HTML 6Page - Intersil Corporation HI1178_05 Datasheet HTML 7Page - Intersil Corporation HI1178_05 Datasheet HTML 8Page - Intersil Corporation HI1178_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Absolute Maximum Ratings TA = 25oC
Thermal Information
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Input Voltage (VIN). . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDD to VSS
Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . . VDD to VSS
Digital Input Voltage (CLK) . . . . . . . . . . . . . . . . . . . . . 0mA to 15mA
(Every Each Channel)
Operating Conditions
Temperature Range (TOPR) . . . . . . . . . . . . . . . . . . . -40
oC to 85oC
Supply Voltage
AVDD, AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.75V to 5.25V
DVDD, DVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.75V to 5.25V
Reference Input Voltage (VREF) . . . . . . . . . . . . . . . . . . . . . . . . . .2V
Clock Pulse Width
tPW1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.5ns (Min)
tPW0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.5ns (Min)
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
94
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range (TSTG) . . . -65
oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(MQFP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
fCLK = 40MHz, VDD = 5V, ROUT = 200Ω, VREF = 2.0V, TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
n
-8
-
bit
Maximum Conversion Speed
fMAX
40
-
-
MSPS
Linearity Error
EL
-2.5
-
2.5
LSB
Differential Linearity Error
ED
-0.3
-
0.3
LSB
Full Scale Output Voltage
VFS
1.8
2.0
2.2
V
Full Scale Output Ratio (Note 1)
FSR
01.5
3
%
Full Scale Output Current
IFS
-10
15
mA
Offset Output Voltage
VOS
--
1
mV
Power Supply Current
IDD
14.3MHz, at Color Bar Data Input
-
-
48
mA
Digital Input
Current
H Level
IIH
--
5
µA
L Level
IIL
-5
-
-
µA
Set Up Time
tS
5-
-
ns
Hold Time
tH
10
-
-
ns
Propagation Delay Time
tPD
-10
-
ns
Glitch Energy
GE
ROUT = 75Ω
-30
-
pV/s
Crosstalk
CT
1MHz Sine Wave Output
-
57
-
dB
NOTE:
1. Full scale output ratio =
x 100(%)
Full Scale Voltage of Channel
Average of the Full Scale Voltage of the Channels
------------------------------------------------------------------------------------------------------------------------------------ 1
HI1178


Similar Part No. - HI1178_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1178JCQ INTERSIL-HI1178JCQ Datasheet
90Kb / 11P
   Triple 8-Bit, 40 MSPS, RGB, 3-Channel D/A Converter
March 1998
logo
Renesas Technology Corp
HI1178JCQ RENESAS-HI1178JCQ Datasheet
591Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
More results

Similar Description - HI1178_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI1178 RENESAS-HI1178 Datasheet
591Kb / 11P
   Triple 8-Bit, 40MSPS, RGB, 3-Channel D/A Converter
logo
Sony Corporation
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
   8-bit 40MSPS RGB 3-channel D/A Converter
logo
Intersil Corporation
HI1260 INTERSIL-HI1260 Datasheet
166Kb / 13P
   Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI20206 INTERSIL-HI20206 Datasheet
171Kb / 13P
   Triple 8-Bit, 35 MSPS, RGB, 3-Channel D/A Converter
August 1997
HI1178 INTERSIL-HI1178 Datasheet
90Kb / 11P
   Triple 8-Bit, 40 MSPS, RGB, 3-Channel D/A Converter
March 1998
HI2304 INTERSIL-HI2304 Datasheet
137Kb / 11P
   Triple 8-Bit, 20 MSPS, RGB, 3-Channel D/A Converter
August 1997
logo
Fujitsu Component Limit...
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
   3-Channel 8-Bit RGB D/A Converter
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Intersil Corporation
HI2307 INTERSIL-HI2307 Datasheet
685Kb / 10P
   Triple 10-Bit, 50 MSPS, RGB, 3-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com