Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC4P5504B1- Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC4P5504B1-
Description  ITU Low Cost, PABX SLIC With 40mA Loop Feed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC4P5504B1- Datasheet(HTML) 3 Page - Intersil Corporation

  HC4P5504B1- Datasheet HTML 1Page - Intersil Corporation HC4P5504B1- Datasheet HTML 2Page - Intersil Corporation HC4P5504B1- Datasheet HTML 3Page - Intersil Corporation HC4P5504B1- Datasheet HTML 4Page - Intersil Corporation HC4P5504B1- Datasheet HTML 5Page - Intersil Corporation HC4P5504B1- Datasheet HTML 6Page - Intersil Corporation HC4P5504B1- Datasheet HTML 7Page - Intersil Corporation HC4P5504B1- Datasheet HTML 8Page - Intersil Corporation HC4P5504B1- Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Receive Input Impedance
(Note 4)
-
110
-
k
Transmit Output Impedance
(Note 4)
-
10
20
2-Wire Return Loss
(Referenced to 600
Ω + 2.16µF), (Note 4)
SRL LO
-
15.5
-
dB
ERL
-
24
-
dB
SRL HI
-
31
-
dB
Longitudinal Balance
1VRMS 200Hz - 3400Hz, (Note 4) IEEE Method
0oC
≤ TA ≤ 75oC
2-Wire Off Hook
53
58
-
dB
2-Wire On Hook
53
58
-
dB
4-Wire Off Hook
50
58
-
dB
Low Frequency Longitudinal Balance
R.E.A. Method, (Note 4), RL = 600Ω
0oC
≤ T
A ≤ 75
oC
-
-
23
dBrnC
-
-
-67
dBm0p
Insertion Loss
At 1kHz, 0dBm Input Level, Referenced 600
2-Wire to 4-Wire, 4-Wire to 2-Wire
-
±0.05
±0.2
dB
Frequency Response
200 - 3400Hz Referenced to Absolute Loss at 1kHz
and 0dBm Signal Level (Note 4)
-
±0.02
±0.05
dB
Idle Channel Noise
(Note 4)
2-Wire to 4-Wire, 4-Wire to 2-Wire
-
1
5
dBrnC
-
-89
-85
dBm0p
Absolute Delay
(Note 4)
2-Wire to 4-Wire, 4-Wire to 2-Wire
-
-
2
ms
Trans Hybrid Loss
Balance Network Set Up for 600
Ω Termination at
1kHz
30
40
-
dB
Overload Level
VB+ = +5V
1.5
-
-
VPEAK
2-Wire to 4-Wire, 4-Wire to 2-Wire
VB+ = 12V
1.75
-
-
VPEAK
Level Linearity
At 1kHz, (Note 4) Referenced to 0dBm Level
2-Wire to 4-Wire, 4-Wire to 2-Wire
+3 to -40dBm
-
-
±0.05
dB
-40 to -50dBm
-
-
±0.1
dB
-50 to -55dBm
-
-
±0.3
dB
Power Supply Rejection Ratio
(Note 4)
VB+ to 2-Wire
30 - 60Hz, RL = 600Ω
15
-
-
dB
VB+ to Transmit
15
-
-
dB
VB- to 2-Wire
15
-
-
dB
VB- to Transmit
15
-
-
dB
VB+ to 2-Wire
200 - 16kHz, RL = 600Ω
30
-
-
dB
VB+ to Transmit
30
-
-
dB
VB- to 2-Wire
30
-
-
dB
VB- to Transmit
30
-
-
dB
Logic Input Current (RS, RC, PD)
0V
≤ VIN ≤ 5V
-
-
±100
µA
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = 12V and 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25
oC. Min-Max Parameters are Over Operating Temperature Range (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HC-5504B1


Similar Part No. - HC4P5504B1-

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC4P5504B1-5 INTERSIL-HC4P5504B1-5 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC4P5504B1-5 RENESAS-HC4P5504B1-5 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
More results

Similar Description - HC4P5504B1-

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com