Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5766KCB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI5766KCB
Description  10-Bit, 60MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5766KCB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI5766KCB Datasheet HTML 2Page - Intersil Corporation HI5766KCB Datasheet HTML 3Page - Intersil Corporation HI5766KCB Datasheet HTML 4Page - Intersil Corporation HI5766KCB Datasheet HTML 5Page - Intersil Corporation HI5766KCB Datasheet HTML 6Page - Intersil Corporation HI5766KCB Datasheet HTML 7Page - Intersil Corporation HI5766KCB Datasheet HTML 8Page - Intersil Corporation HI5766KCB Datasheet HTML 9Page - Intersil Corporation HI5766KCB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
TIMING CHARACTERISTICS
Aperture Delay, tAP
-
5
-
ns
Aperture Jitter, tAJ
-
5
-
psRMS
Data Output Hold, tH
-
7
-
ns
Data Output Delay, tOD
-
8
-
ns
Data Output Enable Time, tEN
-
5
-
ns
Data Output Enable Time, tDIS
-
5
-
ns
Data Latency, tLAT
For a Valid Sample (Note 2)
-
-
7
Cycles
Power-Up Initialization
Data Invalid Time (Note 2)
-
-
20
Cycles
POWER SUPPLY CHARACTERISTICS
Analog Supply Voltage, AVCC
4.75
5.0
5.25
V
Digital Supply Voltage, DVCC1
4.75
5.0
5.25
V
Digital Output Supply Voltage, DVCC2
At 3.0V
2.7
3.0
3.3
V
At 5.0V
4.75
5.0
5.25
V
Supply Current, ICC
VIN+ - VIN- = 1.25V and DFS = “0”
-
52
-
mA
Power Dissipation
VI+ - VIN- = 1.25V and DFS = “0”
-
260
-
mW
Offset Error Sensitivity,
∆VOS
AVCC or DVCC = 5V ±5%
-
±0.4
-
LSB
Gain Error Sensitivity,
∆FSE
AVCC or DVCC = 5V ±5%
-
±0.8
-
LSB
NOTES:
2. Parameter guaranteed by design or characterization and not production tested.
3. With the clock low and DC input.
Electrical Specifications
AVCC = DVCC1 = 5.0V, DVCC2 = 3.0V; VREF+ = 2.5V; VREF - = 2.0V; fS = 60 MSPS at 50% Duty Cycle;
CL = 10pF; TA = 25
oC; Differential Analog Input; Typical Values are Test Results at 25oC,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HI5766


Similar Part No. - HI5766KCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5766KCB INTERSIL-HI5766KCB Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Renesas Technology Corp
HI5766KCB RENESAS-HI5766KCB Datasheet
779Kb / 16P
   10-Bit, 60MSPS A/D Converter
HI5766KCBZ RENESAS-HI5766KCBZ Datasheet
779Kb / 16P
   10-Bit, 60MSPS A/D Converter
More results

Similar Description - HI5766KCB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5766 RENESAS-HI5766 Datasheet
779Kb / 16P
   10-Bit, 60MSPS A/D Converter
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
logo
Renesas Technology Corp
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com