Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20022I Datasheet(PDF) 7 Page - SMSC Corporation

Part # COM20022I
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I Datasheet(HTML) 7 Page - SMSC Corporation

Back Button COM20022I Datasheet HTML 3Page - SMSC Corporation COM20022I Datasheet HTML 4Page - SMSC Corporation COM20022I Datasheet HTML 5Page - SMSC Corporation COM20022I Datasheet HTML 6Page - SMSC Corporation COM20022I Datasheet HTML 7Page - SMSC Corporation COM20022I Datasheet HTML 8Page - SMSC Corporation COM20022I Datasheet HTML 9Page - SMSC Corporation COM20022I Datasheet HTML 10Page - SMSC Corporation COM20022I Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 7
Revision 02-27-06
DATASHEET
Chapter 2
Pin Configuration
COM20022
48 Pin TQFP
1
2
3
4
5
6
7
8
9
10
11
12
AD0
AD1
D10
AD2
D11
D3
VDD
D4
D5
VSS
D6
VSS
13
14
15
16
17
18
19
20
21
22
23
24
25
36
35
34
33
32
31
30
29
28
27
26
nPULSE2
BUSTMG
N/C
RXIN
nTXEN
nRESET
VDD
DREQ
nINTR
nDACK
nCS
VSS
37
38
39
40
41
42
43
44
45
46
47
48
Ordering Information:
PACKAGE TYPE: TQFP
TEMP RANGE:
(Blank) = Commercial: 0°C to +70°C
I = Industrial: -40°C to +85°C
DEVICE TYPE: 20022 = Universal Local Area Network Controller
(with 2K x 8 RAM)
COM20022
Figure 2.1 - COM20022I Pin Configuration
COM20022I
48 Pin TQFP
Ordering Information:
COM20022I
PACKAGE TYPE: TQFP
TEMP RANGE: (Blank) = Commercial 0
°C to + 70°
1 = Industrial: -40
°C to +85°C
DEVICE TYPE: 20022I = Universal Local Area Network Controller
(with 2K x 8 RAM)


Similar Part No. - COM20022I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20022I SMSC-COM20022I Datasheet
617Kb / 83P
   10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I3V-HD SMSC-COM20022I3V-HD Datasheet
491Kb / 83P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I3V-HD SMSC-COM20022I3V-HD Datasheet
474Kb / 73P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
More results

Similar Description - COM20022I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM20022I SMSC-COM20022I Datasheet
617Kb / 83P
   10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
logo
SMSC Corporation
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com