Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5746KCAZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5746KCAZ
Description  10-Bit, 40MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5746KCAZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI5746KCAZ Datasheet HTML 3Page - Intersil Corporation HI5746KCAZ Datasheet HTML 4Page - Intersil Corporation HI5746KCAZ Datasheet HTML 5Page - Intersil Corporation HI5746KCAZ Datasheet HTML 6Page - Intersil Corporation HI5746KCAZ Datasheet HTML 7Page - Intersil Corporation HI5746KCAZ Datasheet HTML 8Page - Intersil Corporation HI5746KCAZ Datasheet HTML 9Page - Intersil Corporation HI5746KCAZ Datasheet HTML 10Page - Intersil Corporation HI5746KCAZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Timing Waveforms
NOTES:
4. SN: N-th sampling period.
5. HN: N-th holding period.
6. BM, N: M-th stage digital output corresponding to N-th sampled input.
7. DN: Final data output corresponding to N-th sampled input.
FIGURE 1. HI5746 INTERNAL CIRCUIT TIMING
FIGURE 2. INPUT-TO OUTPUT TIMING
DN - 7
DN - 6
DN - 2
DN - 1
DN
DN + 1
ANALOG
INPUT
CLOCK
INPUT
INPUT
S/H
1ST
STAGE
2ND
STAGE
9TH
STAGE
DATA
OUTPUT
SN - 1
HN - 1
SN
HN
SN + 1 HN + 1 SN + 2
SN + 5 HN + 5 SN + 6 HN + 6 SN + 7 HN + 7 SN + 8 HN + 8
B1, N - 1
B1, N
B1, N + 1
B1, N + 4
B1, N + 5
B1, N + 6
B1, N + 7
B2, N - 2
B2, N - 1
B2, N
B2, N + 4
B2, N + 5
B2, N + 6
B9, N - 5
B9, N - 4
B9, N
B9, N + 1
B9, N + 2
B9, N + 3
tLAT
tOD
tH
DATA N - 1
DATA N
CLOCK
INPUT
DATA
OUTPUT
1.5V
tAP
ANALOG
INPUT
tAJ
1.5V
2.4V
0.5V
HI5746


Similar Part No. - HI5746KCAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5746KCAZ RENESAS-HI5746KCAZ Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
More results

Similar Description - HI5746KCAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
logo
STMicroelectronics
TSA1005 STMICROELECTRONICS-TSA1005 Datasheet
558Kb / 22P
   DUAL-CHANNEL, 10-BIT, 20/40MSPS A/D CONVERTER
TSA0801 STMICROELECTRONICS-TSA0801 Datasheet
222Kb / 20P
   8-BIT, 40MSPS, 40mW A/D CONVERTER
logo
Sony Corporation
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
   8-bit 40MSPS High Speed D/A Converter
logo
Intersil Corporation
HI1177 INTERSIL-HI1177 Datasheet
105Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Renesas Technology Corp
HI1177 RENESAS-HI1177 Datasheet
511Kb / 8P
   8-Bit, 40MSPS, 2-Channel D/A Converter
January 1999
logo
Sony Corporation
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
   6-bit 40MSPS High Speed D/A Converter
logo
STMicroelectronics
TSA1203 STMICROELECTRONICS-TSA1203_06 Datasheet
442Kb / 30P
   Dual-channel 12-bit 40Msps 215mW A/D converter
logo
Sony Corporation
CXD1177Q SONY-CXD1177Q Datasheet
200Kb / 13P
   8-bit 40MSPS YC 2-channel D/A Converter
CXD1178Q SONY-CXD1178Q Datasheet
233Kb / 15P
   8-bit 40MSPS RGB 3-channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com