Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA3200AKP5AR Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # ADA3200AKP5AR
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200AKP5AR Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button ADA3200AKP5AR Datasheet HTML 6Page - Advanced Micro Devices ADA3200AKP5AR Datasheet HTML 7Page - Advanced Micro Devices ADA3200AKP5AR Datasheet HTML 8Page - Advanced Micro Devices ADA3200AKP5AR Datasheet HTML 9Page - Advanced Micro Devices ADA3200AKP5AR Datasheet HTML 10Page - Advanced Micro Devices ADA3200AKP5AR Datasheet HTML 11Page - Advanced Micro Devices ADA3200AKP5AR Datasheet HTML 12Page - Advanced Micro Devices ADA3200AKP5AR Datasheet HTML 13Page - Advanced Micro Devices ADA3200AKP5AR Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
10
AMD Athlon™ 64 Processor
Table 8: AMD Athlon™ 64 Processor Thermal Profile
Note: The thermal profile is used to define the relationship between
Tcase max and device specific Thermal Design Power for Rev E
processors specified in this document with ‘Variable’ indicated by the
Case Temperature OPN character.
Table 7: AMD Athlon™ 64 Processor Model Number Options
Package
Cache Size Frequency
Max
HyperTransport
Frequency
Model
Number
754 Pin Lidded O
μPGA 512 KB
1800 MHz
800 MHz
2800+
754 Pin Lidded O
μPGA 512 KB
2000 MHz
800 MHz
3000+
754 Pin Lidded O
μPGA 1 MB
2000 MHz
800 MHz
3200+
754 Pin Lidded O
μPGA 512 KB
2200 MHz
800 MHz
3200+
754 Pin Lidded O
μPGA 256 KB
2400 MHz
800 MHz
3300+
754 Pin Lidded O
μPGA 1 MB
2200 MHz
800 MHz
3400+
754 Pin Lidded O
μPGA 512 KB
2400 MHz
800 MHz
3400+
754 Pin Lidded O
μPGA 1 MB
2400 MHz
800 MHz
3700+
939 Pin Lidded O
μPGA 512 KB
1800 MHz
1000 MHz
3000+
939 Pin Lidded O
μPGA 512 KB
2000 MHz
1000 MHz
3200+
939 Pin Lidded O
μPGA 512 KB
2200 MHz
800 MHz
3400+
939 Pin Lidded O
μPGA 512 KB
2200 MHz
1000 MHz
3500+
939 Pin Lidded O
μPGA 1 MB
2200 MHz
1000 MHz
3700+
939 Pin Lidded O
μPGA 512 KB
2400 MHz
1000 MHz
3800+
939 Pin Lidded O
μPGA 1 MB
2400 MHz
1000 MHz
4000+
Thermal Profile
A
B
Thermal Resistance
(case to ambient)
0.34°C/W
0.34°C/W
Local Ambient
Temperature
42°C
42°C
Tcase Max
Power
(Thermal Profile A)
Power
(Thermal Profile B)
49°C
20.6 W
20.6 W
51°C
26.5 W
26.5 W
53°C
32.4 W
32.4 W
55°C
38.2 W
38.2 W
57°C
44.1 W
44.1 W
59°C
50.0 W
50.0 W
61°C
55.9 W
55.9 W
63°C
61.8 W
61.8 W
65°C
67.6 W
67.0 W
67°C
73.5 W
N/A
69°C
79.4 W
N/A
71°C
85.3 W
N/A


Similar Part No. - ADA3200AKP5AR

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
   AMD Athlon 64 Processor Power and Thermal Data Sheet
More results

Similar Description - ADA3200AKP5AR

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
   AMD Athlon 64 Processor Power and Thermal Data Sheet
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
   KT133A AMD ATHLON??NORTH BRIDGE
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com