Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3304 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI3304
Description  4-Bit, 25 MSPS, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3304 Datasheet(HTML) 4 Page - Intersil Corporation

  HI3304 Datasheet HTML 1Page - Intersil Corporation HI3304 Datasheet HTML 2Page - Intersil Corporation HI3304 Datasheet HTML 3Page - Intersil Corporation HI3304 Datasheet HTML 4Page - Intersil Corporation HI3304 Datasheet HTML 5Page - Intersil Corporation HI3304 Datasheet HTML 6Page - Intersil Corporation HI3304 Datasheet HTML 7Page - Intersil Corporation HI3304 Datasheet HTML 8Page - Intersil Corporation HI3304 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
REFERENCE INPUTS
Input Range
VREF+ Range
(Note 4)
VAA- +0.5
-
VAA+V
VREF- Range
(Note 4)
VAA--
VAA+ -0.5
V
Input Loading
Resistor Ladder Impedance
VIN = 5V, CLK = Low
640
-
960
DIGITAL INPUTS
Digital Input
Maximum VIN, Low
CLOCK
(Notes 3, 4)
-
-
0.3 x VAA
V
CE1, CE2
(Note 4)
-
-
0.3 x VDD
V
Minimum VIN, High
CLOCK
(Notes 3, 4)
0.7 x VAA
--
V
CE1, CE2
(Note 4)
0.7 x VDD
--
V
Input Leakage, Except CLK
V = 0V, 5V
-
-
±1
µA
Input Leakage, CLK
(Note 3)
-
±100
±150
µA
DIGITAL OUTPUTS
Digital Outputs
Output Low (Sink) Current
VO = 0.4V
6
-
-
mA
Output High (Source) Current
VO = 4.6V
-3
-
-
mA
Three-State Leakage Current
VO = 0V, 5V
-
±0.2
±5
µA
TIMING CHARACTERISTICS
Conversion Timing
Maximum Conversion Speed
CLK = Square Wave
25
35
-
MSPS
Auto-Balance Time (
φ1)
20
-
-
ns
Sample Time (
φ2)
20
-
5000
ns
Output Timing
Data Valid Delay
(Note 4)
-
30
40
ns
Data Hold Time
(Note 4)
15
25
-
ns
Output Enable Time
-
15
-
ns
Output Disable Time
-
10
-
ns
POWER SUPPLY CHARACTERISTICS
Device Current, IAA
Continuous Clock
-
5.5
-
mA
Continuous
φ2-
0.4
-
mA
Continuous
φ1-
2
-
mA
Device Current, IDD
Continuous Clock
-
1.5
-
mA
VAA+ = 5V,
VSS = CE1 = VAA- = CLK = GND
Continuous
φ2-
5
10
mA
VAA+ = 7V
Continuous
φ1-
5
20
mA
NOTES:
1. Full scale input range, VREF+ - VREF-, may be in the range of 0.5V to VAA+ -VAA- volts. Linearity errors increase at lower full scale ranges,
however.
2. Input current is due to energy transferred to the input at the start of the sample period. The average value is dependent on input and VDD
voltage.
3. The CLK input is a CMOS inverter with a 50k
Ω feedback resistor. It operates from the VAA+ and VAA- supplies. It may be AC-coupled
with a 1VP-P minimum source.
4. Parameter not tested, but guaranteed by design or characterization.
Electrical Specifications
TA = 25
oC, V
REF+ = 2V, VDD = VAA+ = 5V, VAA- = VREF - = VSS = GND, fCLK = 25MHz
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HI3304
HI3304


Similar Part No. - HI3304

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304JIB INTERSIL-HI3304JIB Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304JIP INTERSIL-HI3304JIP Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
More results

Similar Description - HI3304

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
CDK1304 CADEKA-CDK1304 Datasheet
1Mb / 11P
   10-bit, 25 MSPS 135mW A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com