Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20051I Datasheet(PDF) 8 Page - SMSC Corporation

Part # COM20051I
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051I Datasheet(HTML) 8 Page - SMSC Corporation

Back Button COM20051I Datasheet HTML 4Page - SMSC Corporation COM20051I Datasheet HTML 5Page - SMSC Corporation COM20051I Datasheet HTML 6Page - SMSC Corporation COM20051I Datasheet HTML 7Page - SMSC Corporation COM20051I Datasheet HTML 8Page - SMSC Corporation COM20051I Datasheet HTML 9Page - SMSC Corporation COM20051I Datasheet HTML 10Page - SMSC Corporation COM20051I Datasheet HTML 11Page - SMSC Corporation COM20051I Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
SMSC DS – COM20051I
Page 8
Rev. 03/27/2000
BASIC ARCHITECTURE
The COM20051I consists of four functional blocks: the 80C32 microcontroller core, ARCNET network cell (includes
1K of buffer RAM), programmable address decoder, and programmable interrupt router. The internal architecture of
the COM20051I is shown in Figure 1.
The 80C32 microcontroller is a full ROMless implementation of the popular Intel 8051 series. The ARCNET network
core is similar in architecture to SMSC's popular COM20020 family of ARCNET controllers and retains the same
command and status flags of previous ARCNET controllers. The programmable address decoder maps the ARCNET
registers into a 256-byte page anywhere within the External Data Memory space of the 80C32. The ARCNET core
was mapped to the External Data Memory space to simplify software and
application development and for
production test purposes. ARCNET core is available to the developer when working with the 8051 emulator. When
the COM20051I is put into Emulate mode, the internal microcontroller is put into a high impedance state, thus
allowing an external In-Circuit Emulator (ICE) to program the ARCNET core. The advantage of this approach versus
mapping the ARCNET registers into the internal memory (Special Function) area of the 80C32 is that dedicated
software development tools will not be necessary to debug application software.
Since a majority of 8051
applications use only a small portion of the Data Memory space, there is no penalty paid for used address space.
There will also be no penalty in execution time, since cycle times for external data memory accesses and internal
direct memory moves are identical. The network interrupt can be routed to either of the two external interrupt ports or
can be assigned to one of the general purpose I/O ports. The ARCNET interrupt is internally wire ORed with the
external interrupt pin to allow greater system flexibility.
80C32 ARCHITECTURE AND INSTRUCTION SET
The 80C32 microcontroller core is identical to the 16MHz Intel 80C32 in all respects except for the absence of Timer
2. Please refer to the Intel Embedded Microcontrollers and Processors Databook, Volume 1, for details regarding
the 8051 architecture, peripherals, instruction set, and programming guide. Note that any access to the internal
ARCNET core or any external memorry access is visible on the pins of the COM20051I.
The following differences apply to the COM20051I:
1.
Oscillator frequency is 40MHz instead of 16MHz. This is necessary to derive a 20MHz clock for the ARCNET
core. The processor still operates at 16MHz.
2.
nEA pin - This pin must be tied to ground for normal internal processor operation. When tied to VCC, the
COM20051I will enter the Emulate mode.
3.
Unused pins - The COM20051I is packaged in a 44-pin PLCC. Network I/O is generated on the four unused pins
of the standard 80C32 PLCC package. No DIP package is available.
4.
Power Down operation - The Power Down mode can only be used in conjunction when the internal oscillator is
being used. If an external oscillator is used and the Power Down mode is invoked, damage may result to the
oscillator and to the COM20051I.
Clock Speed
The COM20051I processor operates at 16MHz and the network controller at a maximum 40MHz clock rate. A single
crystal oscillator is used to supply the two clocks: a 16MHz processor clock and a 20MHz network clock for the
nominal 2.5 Mbps data rate. Pins 20 and 21 are designated as crystal inputs. When clocking with an external
oscillator, pin 21 (XTAL1) functions as the clock input.
Emulate Mode
The COM20051I contains a unique feature called the Emulate mode that most 8051-based peripheral devices do
not accommodate. TheEmulate mode permits developers to access and program the internal ARCNET core using a
standard low-cost 8032 emulator. This feature eliminates the need for expensive dedicated development equipment
needed for other types of 8051-based peripheral devices. The Emulate mode is invoked by connecting the nEA pin
to VCC. This causes the internal 80C32 processor to enter a HI-Z state and changes the state of the COM20051I
pins according to the following table:


Similar Part No. - COM20051I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
SMSC Corporation
COM20051 SMSC-COM20051 Datasheet
269Kb / 82P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20051++ SMSC-COM20051+ Datasheet
348Kb / 92P
   Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
More results

Similar Description - COM20051I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
SMSC Corporation
COM20051 SMSC-COM20051 Datasheet
269Kb / 82P
   Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I SMSC-COM20022I_06 Datasheet
497Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
logo
SMSC Corporation
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com