Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3304JIP Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI3304JIP
Description  4-Bit, 25 MSPS, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3304JIP Datasheet(HTML) 2 Page - Intersil Corporation

  HI3304JIP Datasheet HTML 1Page - Intersil Corporation HI3304JIP Datasheet HTML 2Page - Intersil Corporation HI3304JIP Datasheet HTML 3Page - Intersil Corporation HI3304JIP Datasheet HTML 4Page - Intersil Corporation HI3304JIP Datasheet HTML 5Page - Intersil Corporation HI3304JIP Datasheet HTML 6Page - Intersil Corporation HI3304JIP Datasheet HTML 7Page - Intersil Corporation HI3304JIP Datasheet HTML 8Page - Intersil Corporation HI3304JIP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Functional Block Diagram
Cascaded Auto Balance (CAB)
NOTE:
CE1 and CE2 inputs and data outputs have standard CMOS protection networks to VDD and VSS. Analog inputs and clock have
standard CMOS protection networks to VAA+ and VAA-.
9
7
1
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
5
2
3
4
6
ENCODER
LOGIC
ARRAY
D
LATCH
16
Q
COUNT
16
COUNT
8
D
LATCH
8
Q
D
LATCH
0
Q
COUNT
1
8
14
VAA-VSS
CAB COMPARATOR #1
φ1 (AUTO BALANCE)
φ2 (SAMPLE UNKNOWN)
50k
CLOCK
15
13
VREF-
VREF+
VIN
11
16
10
VAA+VDD
φ1
φ1
φ1
φ1
φ2
φ2
1/
2R
1/
2R
R
R
R
†CAB #8
CAB #16
OUTPUT
REGISTER
THREE-STATE
DRIVERS
DATA
CHANGE
OVERFLOW
BIT 4
BIT 3
BIT 2
BIT 1 (LSB)
CE1
CE2
R
12
HI3304
HI3304


Similar Part No. - HI3304JIP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304JIP INTERSIL-HI3304JIP Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
More results

Similar Description - HI3304JIP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
CDK1304 CADEKA-CDK1304 Datasheet
1Mb / 11P
   10-bit, 25 MSPS 135mW A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com