Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3304JIB Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI3304JIB
Description  4-Bit, 25 MSPS, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3304JIB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI3304JIB Datasheet HTML 3Page - Intersil Corporation HI3304JIB Datasheet HTML 4Page - Intersil Corporation HI3304JIB Datasheet HTML 5Page - Intersil Corporation HI3304JIB Datasheet HTML 6Page - Intersil Corporation HI3304JIB Datasheet HTML 7Page - Intersil Corporation HI3304JIB Datasheet HTML 8Page - Intersil Corporation HI3304JIB Datasheet HTML 9Page - Intersil Corporation HI3304JIB Datasheet HTML 10Page - Intersil Corporation HI3304JIB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 10. EFFECTIVE BITS vs INPUT FREQUENCY
FIGURE 11. DEVICE CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
3.80
3.20
3.00
2.60
2.40
2.00
135
7
8
9
10
fI (MHz)
3.60
2.20
2.80
3.40
4.00
24
6
0
7.00
6.40
6.00
5.60
5.20
5.00
TEMPERATURE (oC)
6.80
5.40
5.80
6.20
6.60
-30
-10
0
20
40
60
80
-40
-20
90
70
50
30
10
Pin Descriptions
PIN NUMBER
NAME
DESCRIPTION
1
Bit 1
Bit 1 (LSB).
Output Data Bits
(High = True)
2Bit 2
Bit 2.
3Bit 3
Bit 3.
4
Bit 4
Bit 4 (MSB).
5
DC
Data Change.
6
OF
Overflow.
7
CE2
Three-State Output Enable Input, active low. See the Chip Enable Truth Table.
8VSS
Digital Ground.
9CE1
Three-State Output Enable Input, active high. See the Chip Enable Truth Table.
10
VAA+
Analog Power Supply, +5V.
11
VIN
Analog Signal Input.
12
VREF+
Reference Voltage Positive Input.
13
VREF-
Reference Voltage Negative Input.
14
VAA-
Analog Ground.
15
CLK
Clock Input.
16
VDD
Digital Power Supply, +5V.
CHIP ENABLE TRUTH TABLE
CE1
CE2
BIT 1 - BIT 4
DC, OF
0
1
Valid
Valid
1
1
Three-State
Valid
X
0
Three-State
Three-State
X = Don't Care
HI3304
HI3304


Similar Part No. - HI3304JIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304JIB INTERSIL-HI3304JIB Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
More results

Similar Description - HI3304JIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
CDK1304 CADEKA-CDK1304 Datasheet
1Mb / 11P
   10-bit, 25 MSPS 135mW A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com