Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5523 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HC5523
Description  LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5523 Datasheet(HTML) 3 Page - Intersil Corporation

  HC5523 Datasheet HTML 1Page - Intersil Corporation HC5523 Datasheet HTML 2Page - Intersil Corporation HC5523 Datasheet HTML 3Page - Intersil Corporation HC5523 Datasheet HTML 4Page - Intersil Corporation HC5523 Datasheet HTML 5Page - Intersil Corporation HC5523 Datasheet HTML 6Page - Intersil Corporation HC5523 Datasheet HTML 7Page - Intersil Corporation HC5523 Datasheet HTML 8Page - Intersil Corporation HC5523 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FIGURE 1. OVERLOAD LEVEL (TWO-WIRE PORT)
FIGURE 2. LONGITUDINAL IMPEDANCE
LONGITUDINAL CURRENT LIMIT (TIP/RING)
Off-Hook (Active)
No False Detections, (Loop Current),
LB > 45dB (Note 4, Figure 3A)
27
-
-
mAPEAK/
Wire
On-Hook (Standby), RL = ∞
No False Detections (Loop Current)
(Note 5, Figure 3B)
8.5
-
-
mAPEAK/
Wire
FIGURE 3A. OFF-HOOK
FIGURE 3B. ON-HOOK
FIGURE 3. LONGITUDINAL CURRENT LIMIT
OFF-HOOK LONGITUDINAL BALANCE
Longitudinal to Metallic
IEEE 455 - 1985, RLR, RLT = 368Ω
0.2kHz < f < 4.0kHz (Note 6, Figure 4)
58
70
-
dB
Longitudinal to Metallic
RLR, RLT = 300Ω, 0.2kHz < f < 4.0kHz (Note
6, Figure 4)
58
70
-
dB
Metallic to Longitudinal
FCC Part 68, Para 68.310
0.2kHz < f < 1.0kHz
50
55
-
dB
1.0kHz < f < 4.0kHz (Note 7)
50
55
-
dB
Longitudinal to 4-Wire
0.2kHz < f < 4.0kHz (Note 8, Figure 4)
58
70
-
dB
Metallic to Longitudinal
RLR, RLT = 300Ω, 0.2kHz < f < 4.0kHz (Note
9, Figure 5)
50
55
-
dB
4-Wire to Longitudinal
0.2kHz < f < 4.0kHz (Note 10, Figure 5)
50
55
-
dB
Electrical Specifications
TA = -40
oC to 85oC, V
CC = +5V ±5%, VEE = -5V ±5%, VBAT = -48V, AGND = BGND = 0V, RDC1 = RDC2 = 41.2kΩ,
RD = 39kΩ, RSG = 0Ω, RF1 = RF2 = 0Ω, CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise Specified. All pin
number references in the figures refer to the 28 lead PLCC package. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TIP
27
VTX
19
RING
28
RSN
16
IDCMET
RT
RRX
ERX
RL
VTRO
600k
300k
600
23mA
EL
VT
C
0 < f < 100Hz
VR
LZT = VT/AT
LZR = VR/AR
1VRMS
300
300
2.16
µF
TIP
27
VTX
19
RING
28
RSN
16
RT
RRX
600k
300k
AT
AR
RDC2
41.2k
RDC1
41.2k
CDC
1.5
µF
EL
-5V
39k
368
368
C
2.16
µF
A
TIP
27
RSN
16
RING
28
RDC
14
DET
RD
A
RDC2
41.2k
RDC1
41.2k
CDC
1.5
µF
EL
-5V
39k
368
368
A
TIP
27
RSN
16
RING
28
RDC
14
DET
RD
C
2.16
µF
C
2.16
µF
A
HC5523


Similar Part No. - HC5523

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC5523IM INTERSIL-HC5523IM Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC5523IP INTERSIL-HC5523IP Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
More results

Similar Description - HC5523

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC-5509B INTERSIL-HC-5509B_03 Datasheet
528Kb / 9P
   ITU CO/Loop Carrier SLIC
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5513 INTERSIL-HC5513 Datasheet
175Kb / 18P
   TR909 DLC/FLC SLIC with Low Power Standby
October 1998
HC5513 INTERSIL-HC5513_03 Datasheet
412Kb / 20P
   TR909 DLC/FLC SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5513 RENESAS-HC5513 Datasheet
910Kb / 20P
   TR909 DLC/FLC SLIC with Low Power Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com