Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5523IM Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC5523IM
Description  LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5523IM Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HC5523IM Datasheet HTML 2Page - Intersil Corporation HC5523IM Datasheet HTML 3Page - Intersil Corporation HC5523IM Datasheet HTML 4Page - Intersil Corporation HC5523IM Datasheet HTML 5Page - Intersil Corporation HC5523IM Datasheet HTML 6Page - Intersil Corporation HC5523IM Datasheet HTML 7Page - Intersil Corporation HC5523IM Datasheet HTML 8Page - Intersil Corporation HC5523IM Datasheet HTML 9Page - Intersil Corporation HC5523IM Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
FIGURE 8. CURRENT GAIN-RSN TO METALLIC
FIGURE 9. FREQUENCY RESPONSE, INSERTION LOSS,
GAIN TRACKING AND HARMONIC DISTORTION
NOISE
Idle Channel Noise at 2-Wire
C-Message Weighting (Note 23, Figure 10)
-
8.5
-
dBrnC
Psophometrical Weighting
(Note 23, Figure 10)
-
-81.5
-
dBrnp
Idle Channel Noise at 4-Wire
C-Message Weighting (Note 24, Figure 10)
-
8.5
-
dBrnC
Psophometrical Weighting
(Note 23, Figure 10)
-
-81.5
-
dBrnp
HARMONIC DISTORTION
2-Wire to 4-Wire
0dBm, 1kHz (Note 25, Figure 7)
-
-65
-54
dB
4-Wire to 2-Wire
0dBm, 0.3kHz to 3.4kHz (Note 26, Figure 9)
-
-65
-54
dB
BATTERY FEED CHARACTERISTICS
Constant Loop Current Tolerance
RDCX = 41.2kΩ
IL = 2500/(RDC1 + RDC2),
-40oC to 85oC (Note 27)
0.92IL
IL
1.08IL
mA
Loop Current Tolerance (Standby)
IL = (VBAT-3)/(RL +1800),
-40oC to 85oC (Note 28)
0.8IL
IL
1.2IL
mA
Open Circuit Voltage (VTIP - VRING)-40
oC to 85oC, (Active) R
SG = ∞
14
16.67
20
V
LOOP CURRENT DETECTOR
On-Hook to Off-Hook
RD = 39kΩ, -40
oC to 85oC
372/RD
465/RD
558/RD
mA
Off-Hook to On-Hook
RD = 39kΩ, -40
oC to 85oC
325/RD
405/RD
485/RD
mA
Loop Current Hysteresis
RD = 39kΩ, -40
oC to 85oC
25/RD
60/RD
95/RD
mA
GROUND KEY DETECTOR
Tip/Ring Current Difference - Trigger
(Note 29, Figure 11)
8
12
17
mA
Tip/Ring Current Difference - Reset
(Note 29, Figure 11)
3
7
12
mA
Hysteresis
(Note 29, Figure 11)
0
5
9
mA
Electrical Specifications
TA = -40
oC to 85oC, V
CC = +5V ±5%, VEE = -5V ±5%, VBAT = -48V, AGND = BGND = 0V, RDC1 = RDC2 = 41.2kΩ,
RD = 39kΩ, RSG = 0Ω, RF1 = RF2 = 0Ω, CHP = 10nF, CDC = 1.5µF, ZL = 600Ω, Unless Otherwise Specified. All pin
number references in the figures refer to the 28 lead PLCC package. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RDC2
41.2k
RDC1
41.2k
CDC
1.5
µF
RL
600
TIP
27
RING
28
RDC
14
RSN
16
RRX
300k
VRSN = 0V
VRSN = -3V
GRX = ((VTR1- VTR2)(300k))/(-3)(600)
Where: VTR1 is the Tip to Ring Voltage with VRSN = 0V
VTR
and VTR2 is the Tip to Ring Voltage with VRSN = -3V
RT
RRX
IDCMET
600k
300k
C
1/
ωC < RL
EG
RL
VTX
600
VTR
ERX
TIP
27
VTX
19
RING
28
RSN
16
HC5523


Similar Part No. - HC5523IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5523IM INTERSIL-HC5523IM Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
More results

Similar Description - HC5523IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC-5509B INTERSIL-HC-5509B_03 Datasheet
528Kb / 9P
   ITU CO/Loop Carrier SLIC
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC5526 INTERSIL-HC5526 Datasheet
176Kb / 18P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5513 INTERSIL-HC5513 Datasheet
175Kb / 18P
   TR909 DLC/FLC SLIC with Low Power Standby
October 1998
HC5513 INTERSIL-HC5513_03 Datasheet
412Kb / 20P
   TR909 DLC/FLC SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5513 RENESAS-HC5513 Datasheet
910Kb / 20P
   TR909 DLC/FLC SLIC with Low Power Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com