Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI7191IBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI7191IBZ
Description  24-Bit, High Precision, Sigma Delta A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7191IBZ Datasheet(HTML) 1 Page - Intersil Corporation

  HI7191IBZ Datasheet HTML 1Page - Intersil Corporation HI7191IBZ Datasheet HTML 2Page - Intersil Corporation HI7191IBZ Datasheet HTML 3Page - Intersil Corporation HI7191IBZ Datasheet HTML 4Page - Intersil Corporation HI7191IBZ Datasheet HTML 5Page - Intersil Corporation HI7191IBZ Datasheet HTML 6Page - Intersil Corporation HI7191IBZ Datasheet HTML 7Page - Intersil Corporation HI7191IBZ Datasheet HTML 8Page - Intersil Corporation HI7191IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
®
FN4138.8
HI7191
24-Bit, High Precision, Sigma Delta A/D
Converter
The Intersil HI7191 is a monolithic instrumentation, sigma
delta A/D converter which operates from
±5V supplies. Both
the signal and reference inputs are fully differential for
maximum flexibility and performance. An internal
Programmable Gain Instrumentation Amplifier (PGIA)
provides input gains from 1 to 128 eliminating the need for
external pre-amplifiers. The on-demand converter
auto-calibrate function is capable of removing offset and gain
errors existing in external and internal circuitry. The on-board
user programmable digital filter provides over 120dB of
60/50Hz noise rejection and allows fine tuning of resolution
and conversion speed over a wide dynamic range. The
HI7190 and HI7191 are functionally the same device, but the
HI7190 has tighter linearity specs.
The HI7191 contains a serial I/O port and is compatible with
most synchronous transfer formats including both the
Motorola 6805/11 series SPI and Intel 8051 series SSR
protocols. A sophisticated set of commands gives the user
control over calibration, PGIA gain, device selection, standby
mode, and several other features. The On-chip Calibration
Registers allow the user to read and write calibration data.
Features
• 20-Bit Resolution with No Missing Code
• 0.0015% Integral Non-Linearity (Typ)
•20mV to
±2.5V Full Scale Input Ranges
• Internal PGIA with Gains of 1 to 128
• Serial Data I/O Interface, SPI Compatible
• Differential Analog and Reference Inputs
• Internal or System Calibration
• 120dB Rejection of 60/50Hz Line Noise
• Settling Time of 4 Conversions (Max) for a Step Input
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Process Control and Measurement
• Industrial Weight Scales
• Part Counting Scales
• Laboratory Instrumentation
• Seismic Monitoring
• Magnetic Field Monitoring
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• TB348 “HI7190/1 Negative Full Scale Error vs
Conversion Frequency”
• AN9504 “A Brief Intro to Sigma Delta Conversion”
• TB329 “Intersil Sigma Delta Calibration Technique”
• AN9505 “Using the HI7190 Evaluation Kit”
• TB331 “Using the HI7190 Serial Interface”
• AN9527 “Interfacing HI7190 to a Microcontroller”
• AN9532 “Using HI7190 in a Multiplexed System”
• AN9601 “Using HI7190 with a Single +5V Supply”
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HI7191IP
HI7191IP
-40 to 85 20 Ld PDIP
E20.3
HI7191IPZ
(See Note)
HI7191IPZ
-40 to 85 20 Ld PDIP*
(Pb-free)
E20.3
HI7191IB
HI7191IB
-40 to 85 20 Ld SOIC
M20.3
HI7191IBZ
(See Note)
HI7191IBZ
-40 to 85 20 Ld SOIC
(Pb-free)
M20.3
HI7191IBZ-T
(See Note)
HI7191IBZ
-40 to 85 20 Ld SOIC
Tape and Reel
(Pb-free)
M20.3
HI7190EVAL
Evaluation Kit
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
Data Sheet
June 1, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HI7191IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191IBZ INTERSIL-HI7191IBZ Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7191IBZ RENESAS-HI7191IBZ Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Intersil Corporation
HI7191IBZ-T INTERSIL-HI7191IBZ-T Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7191IBZ-T RENESAS-HI7191IBZ-T Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
More results

Similar Description - HI7191IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7190 RENESAS-HI7190 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Intersil Corporation
HI7190IP INTERSIL-HI7190IP Datasheet
474Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7190 INTERSIL-HI7190 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7191 RENESAS-HI7191 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Holtek Semiconductor In...
BH66F5233 HOLTEK-BH66F5233 Datasheet
6Mb / 137P
   24-Bit Delta Sigma A/D MCU
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
   24-Bit Delta Sigma A/D Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com