Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI7191IBZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI7191IBZ-T
Description  24-Bit, High Precision, Sigma Delta A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7191IBZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  HI7191IBZ-T Datasheet HTML 1Page - Intersil Corporation HI7191IBZ-T Datasheet HTML 2Page - Intersil Corporation HI7191IBZ-T Datasheet HTML 3Page - Intersil Corporation HI7191IBZ-T Datasheet HTML 4Page - Intersil Corporation HI7191IBZ-T Datasheet HTML 5Page - Intersil Corporation HI7191IBZ-T Datasheet HTML 6Page - Intersil Corporation HI7191IBZ-T Datasheet HTML 7Page - Intersil Corporation HI7191IBZ-T Datasheet HTML 8Page - Intersil Corporation HI7191IBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
FN4138.8
June 1, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage
AVDD to AGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.5V
AVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5.5V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.5V
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3V
Analog Input Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . AVSS to AVDD
Digital Input, Output and I/O Pins . . . . . . . . . . . . . . DGND to DVDD
ESD Tolerance (No Damage)
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+100V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . .1000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
125
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering, 10s). . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
AVDD = +5V, AVSS = -5V, DVDD = +5V, VRHI = +2.5V, VRLO = AGND = 0V, VCM = AGND,
PGIA Gain = 1, OSCIN = 10MHz, Bipolar Input Range Selected, fN = 10Hz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Integral Non-Linearity, INL
End Point Line Method (Notes 3, 5, 6)
-
±0.0015
±0.003
%FS
Differential Non-Linearity
(Note 2)
No Missing codes to 20-Bits
LSB
Offset Error, VOS
(See Table 1)
-
-
-
-
Offset Error Drift
VINHI = VINLO (Notes 3, 8)
-
1
-
μV/ °C
Full Scale Error, FSE
VINHI - VINLO = +2.5V (Notes 3, 5, 8, 10)
-
-
-
-
Noise, eN
(See Table 1)
-
-
-
-
Common Mode Rejection Ratio, CMRR
VCM = 0V, VINHI = VINLO from -2V to +2V
-
70
-
dB
Normal Mode 50Hz Rejection
Filter Notch = 10Hz, 25Hz, 50Hz (Note 2)
120
-
-
dB
Normal Mode 60Hz Rejection
Filter Notch = 10Hz, 30Hz, 60Hz (Note 2)
120
-
-
dB
Step Response Settling Time
-
2
4
Conversions
ANALOG INPUTS
Input Voltage Range
Unipolar Mode (Note 9)
0
-
VREF
V
Input Voltage Range
Bipolar Mode (Note 9)
- VREF
-VREF
V
Common Mode Input Range
(Note 2)
AVSS
-AVDD
V
Input Leakage Current, IIN
VIN = AVDD (Note 2)
-
-
1.0
nA
Input Capacitance, CIN
-5.0
-
pF
Reference Voltage Range, VREF
(VREF = VRHI - VRLO)
2.5
-
5
V
Transducer Burn-Out Current, IBO
-
200
-
nA
CALIBRATION LIMITS
Positive Full Scale Calibration Limit
-
-
1.2(VREF/Gain)
-
Negative Full Scale Calibration Limit
-
-
1.2(VREF/Gain)
-
Offset Calibration Limit
-
-
1.2(VREF/Gain)
-
Input Span
0.2(VREF/Gain)
-
2.4(VREF/Gain)
-
DIGITAL INPUTS
Input Logic High Voltage, VIH
(Note 11)
2.0
-
-
V
Input Logic Low Voltage, VIL
--
0.8
V
HI7191


Similar Part No. - HI7191IBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191IBZ-T INTERSIL-HI7191IBZ-T Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7191IBZ-T RENESAS-HI7191IBZ-T Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
More results

Similar Description - HI7191IBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7190 INTERSIL-HI7190_06 Datasheet
471Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Renesas Technology Corp
HI7190 RENESAS-HI7190 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Intersil Corporation
HI7190IP INTERSIL-HI7190IP Datasheet
474Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 27, 2006
HI7190 INTERSIL-HI7190 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
HI7191IP INTERSIL-HI7191IP Datasheet
630Kb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
June 1, 2006
logo
Renesas Technology Corp
HI7191 RENESAS-HI7191 Datasheet
1Mb / 25P
   24-Bit, High Precision, Sigma Delta A/D Converter
logo
Holtek Semiconductor In...
BH66F5233 HOLTEK-BH66F5233 Datasheet
6Mb / 137P
   24-Bit Delta Sigma A/D MCU
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
   24-Bit Delta Sigma A/D Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com