Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020I3V-DZD Datasheet(PDF) 5 Page - SMSC Corporation

Part # COM20020I3V-DZD
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020I3V-DZD Datasheet(HTML) 5 Page - SMSC Corporation

  COM20020I3V-DZD Datasheet HTML 1Page - SMSC Corporation COM20020I3V-DZD Datasheet HTML 2Page - SMSC Corporation COM20020I3V-DZD Datasheet HTML 3Page - SMSC Corporation COM20020I3V-DZD Datasheet HTML 4Page - SMSC Corporation COM20020I3V-DZD Datasheet HTML 5Page - SMSC Corporation COM20020I3V-DZD Datasheet HTML 6Page - SMSC Corporation COM20020I3V-DZD Datasheet HTML 7Page - SMSC Corporation COM20020I3V-DZD Datasheet HTML 8Page - SMSC Corporation COM20020I3V-DZD Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
SMSC COM20020I 3.3V Rev.E
Page 5
Revision 09-11-06
DATASHEET
Chapter 1
General Description
SMSC's COM20020I 3V is a member of the family of Embedded ARCNET Controllers from Standard Microsystems
Corporation. The device is a general purpose communications controller for networking microcontrollers and intelligent
peripherals in industrial and embedded control environments using an ARCNET protocol engine. The flexible
microcontroller and media interfaces, eight-page message support, and extended temperature range of the COM20020I
3V make it the only true network controller optimized for use in industrial and embedded applications.
Using an
ARCNET protocol engine is the ideal solution for embedded control applications because it provides a deterministic
token-passing protocol, a highly reliable and proven networking scheme, and a data rate of up to 5 Mbps when using the
COM20020I 3V.
A token-passing protocol provides predictable response times because each network event occurs within a
predetermined time interval, based upon the number of nodes on the network. The deterministic nature of ARCNET is
essential in real time applications. The integration of the 2Kx8 RAM buffer on-chip, the Command Chaining feature, the 5
Mbps maximum data rate, and the internal diagnostics make the COM20020I 3V the highest performance embedded
communications device available. With only one COM20020I 3V and one microcontroller, a complete communications
node may be implemented.
For more details on the ARCNET protocol engine and traditional dipulse signaling schemes, please refer to
the ARCNET Local Area Network Standard, available from Standard Microsystems Corporation or the
ARCNET Designer's Handbook, available from Datapoint Corporation.
For more detailed information on cabling options including RS485, transformer-coupled RS-485 and Fiber
Optic interfaces, please refer to the following technical note which is available from Standard Microsystems
Corporation:
Technical Note 7-5 - Cabling Guidelines for the COM20020I 3V ULANC.


Similar Part No. - COM20020I3V-DZD

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20020I3V-DZD SMSC-COM20020I3V-DZD Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
More results

Similar Description - COM20020I3V-DZD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
logo
SMSC Corporation
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
   5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
   Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
   Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
   Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
   10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com