Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50307 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HSP50307
Description  Burst QPSK Modulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50307 Datasheet(HTML) 1 Page - Intersil Corporation

  HSP50307 Datasheet HTML 1Page - Intersil Corporation HSP50307 Datasheet HTML 2Page - Intersil Corporation HSP50307 Datasheet HTML 3Page - Intersil Corporation HSP50307 Datasheet HTML 4Page - Intersil Corporation HSP50307 Datasheet HTML 5Page - Intersil Corporation HSP50307 Datasheet HTML 6Page - Intersil Corporation HSP50307 Datasheet HTML 7Page - Intersil Corporation HSP50307 Datasheet HTML 8Page - Intersil Corporation HSP50307 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
October 2000
HSP50307
Burst QPSK Modulator
Features
• 256 KBPS Data Rate and 128 KBPS Baud Rate
• Burst QPSK Modulation
• Programmable Carrier Frequency from 8MHz to
15MHz With a Frequency Step Size of 32kHz
α = 0.5 Root Raised Cosine (RRC) Filtering For Spec-
trum Shaping
• On-Board Synthesizer
• Programmable Output Level From 22 to 62dBmV in
1dB Steps
• Programmable Charge Pump Current Control
• 62dBmV Differential Output Driver for 75
Ω Cable
Applications
• Burst QPSK Modulator
• HSP50307EVAL1 Evaluation Board Is Available
Description
The HSP50307 is a mixed signal burst QPSK Modulator for
upstream CATV Applications. The HSP50307 demultiplexes
and modulates a serial data stream onto an RF Carrier cen-
tered between 8 and 15MHz. The signal spectrum is shaped
with
α = 0.5 root raised cosine (RRC) digital filters. On-chip fil-
tering limits spurs and harmonics to levels below -35dBc dur-
ing transmissions. The output power level is adjustable over a
40dB range in 1dB steps. The maximum differential output
level is +62dBmV into 75
Ω. A transmitter inhibit function dis-
ables the RF output outside the burst interval. The differential
output amplifier int7-erfaces to the cable via a transformer.
The Block Diagram of the HSP50307 QPSK Modulator is
shown below. The HSP50307 consists of a digital control
interface, an I/Q generator, a synthesizer, and a quadrature
modulator.
The data clock is derived from the master clock. The
HSP50307 demultiplexes the input data bits into in-phase (I)
and quadrature (Q) data streams. The first bit and subsequent
alternating bits of the burst are in-phase data. The two data
streams are filtered, converted from digital to analog, and low
pass filtered to produce the baseband I and Q analog signals.
The baseband signals are up-converted to RF in the Quadra-
ture Modulation Section. The synthesizer provides the local
oscillator (LO) for the quadrature modulator. The frequency is
programmable via the control interface with a resolution of
32kHz. The output of the quadrature modulator is low pass fil-
tered to remove harmonic distortion.
Block Diagram
Ordering Information
PART NUMBER
TEMP.RANGE
(oC)
PACKAGE
PKG.
NO.
HSP50307SC
0 to 70
28 Ld SOIC
M28.3
LPF
CONTROL
INTERFACE
RESET
MCLK
TXCLK
TX_DATA
TX_EN
C_EN
CCLK
CDATA
TX_EN
I
Q
8RRC
LPF
8RRC
9
9
QUAD
GEN
VCO_SET PD_OUT
SYNTHESIZER
/100
VCO_IN
RCLK
LPF
PGA
MOD_OUT-
+
DAC_REF
VCM_REF
MCLK MUST ALWAYS BE PRESENT FOR PROPER OPERATION
MOD_OUT+
Indicates analog circuitry.
I/Q GENERATOR
D/A
D/A
QUADRATURE
MODULATOR
FN4219.1
OBS
OLET
E PR
ODU
CT
NO R
ECO
MME
NDED
REPL
ACEM
ENT
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - HSP50307

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
   Burst QPSK Modulator
HSP50307EVAL1 INTERSIL-HSP50307EVAL1 Datasheet
45Kb / 5P
   2.0GHz to 2.7GHz DownConverter
HSP50307SC INTERSIL-HSP50307SC Datasheet
48Kb / 8P
   Burst QPSK Modulator
More results

Similar Description - HSP50307

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
   Burst QPSK Modulator
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
Analog Devices
AD9853 AD-AD9853_15 Datasheet
334Kb / 31P
   Programmable Digital QPSK/16-QAM Modulator
REV. C
logo
Broadcom Corporation.
BCM3037 BOARDCOM-BCM3037 Datasheet
119Kb / 2P
   BCM3037 QAMLINK-R UNIVERSAL BURST MODULATOR
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
logo
NXP Semiconductors
TDA8051 PHILIPS-TDA8051 Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com