Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-1145RH Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS-1145RH
Description  Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1145RH Datasheet(HTML) 6 Page - Intersil Corporation

  HS-1145RH Datasheet HTML 1Page - Intersil Corporation HS-1145RH Datasheet HTML 2Page - Intersil Corporation HS-1145RH Datasheet HTML 3Page - Intersil Corporation HS-1145RH Datasheet HTML 4Page - Intersil Corporation HS-1145RH Datasheet HTML 5Page - Intersil Corporation HS-1145RH Datasheet HTML 6Page - Intersil Corporation HS-1145RH Datasheet HTML 7Page - Intersil Corporation HS-1145RH Datasheet HTML 8Page - Intersil Corporation HS-1145RH Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN4227.2
February 14, 2005
FIGURE 15. FREQUENCY RESPONSE FOR VARIOUS
OUTPUT VOLTAGES
FIGURE 16. FULL POWER BANDWIDTH
FIGURE 17. FREQUENCY RESPONSE FOR VARIOUS LOAD
RESISTORS
FIGURE 18. -3dB BANDWIDTH vs TEMPERATURE
FIGURE 19. GAIN FLATNESS
FIGURE 20. OFF ISOLATION
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, TA = 25oC, RL = 100Ω, Unless Otherwise Specified (Continued)
AV = +2
3
0
-3
0.3
1
10
100
500
270
180
90
0
FREQUENCY (MHz)
VOUT = 1.5VP-P
VOUT = 200mVP-P
VOUT = 5VP-P
VOUT = 5VP-P
VOUT = 200mVP-P
VOUT = 1.5VP-P
VOUT = 4VP-P (+1)
VOUT = 5VP-P (-1, +2)
+RS = 510Ω (+1)
3
0
-3
1
10
100
200
FREQUENCY (MHz)
AV = -1
AV = +1
AV = +2
RL = 1kΩ
RL = 500Ω
RL = 50Ω
RL = 100Ω
RL = 50Ω
RL = 100Ω
RL = 1kΩ
RL = 500Ω
3
0
-3
0.3
1
10
100
500
270
180
90
0
FREQUENCY (MHz)
VOUT = 200mVP-P
AV = +2
-100
-50
0
50
100
150
0
100
200
300
400
500
TEMPERATURE (oC)
AV = +2
AV = +1
AV = +10
VOUT = 200mVP-P
RF = 180Ω (+10)
+RS = 510Ω (+1)
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
110
75
VOUT = 200mVP-P
+RS = 510Ω (+1)
FREQUENCY (MHz)
AV = +2
AV = +1
AV = +2
VIN = 1VP-P
-30
-40
-50
-60
-70
-80
-90
0.3
1
10
100
FREQUENCY (MHz)
HS-1145RH


Similar Part No. - HS-1145RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
More results

Similar Description - HS-1145RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
   Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HS-1254RH INTERSIL-HS-1254RH Datasheet
18Kb / 3P
   Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
logo
Renesas Technology Corp
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com