Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP8156 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HMP8156
Description  NTSC/PAL Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8156 Datasheet(HTML) 5 Page - Intersil Corporation

  HMP8156 Datasheet HTML 1Page - Intersil Corporation HMP8156 Datasheet HTML 2Page - Intersil Corporation HMP8156 Datasheet HTML 3Page - Intersil Corporation HMP8156 Datasheet HTML 4Page - Intersil Corporation HMP8156 Datasheet HTML 5Page - Intersil Corporation HMP8156 Datasheet HTML 6Page - Intersil Corporation HMP8156 Datasheet HTML 7Page - Intersil Corporation HMP8156 Datasheet HTML 8Page - Intersil Corporation HMP8156 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
Following overlay processing, 2X upscaling may optionally
be applied to the pixel data. In this mode, the HMP8156
accepts SIF resolution video at 50 or 59.94 frames per sec-
ond and generates standard interlaced video at 262.5 lines
per field (240 active) at 59.94 fields per second for (M,
NSM) NTSC and (M) PAL, and 312.5 lines per field (288
active) at 50 fields per second for (B, D, G, H, I, N, CN) PAL.
This mode of operation allows SIF video to be upscaled to
full resolution and recorded on a VCR or displayed on a TV.
The input pixel data rate is reduced by half when 2X upscal-
ing is enabled. The color space conversion generates, and
the overlay mixer uses, 2:2:2 YCbCr data instead of 4:4:4
data. For rectangular pixel NTSC and PAL video, the input
rate is 6.75MHz during the active portion of each line instead
of 13.5MHz. Example SIF input resolutions and resulting
output resolutions are shown in Table 4.
The HMP8156 performs horizontal 2X upscaling by linear
interpolation. The vertical scaling is done by line duplication.
For typical line duplication, the same frame of SIF pixel input
data is used for both the odd and even fields. Note that a
frame of SIF size input has about the same number of lines
as a field of full size input. After 2X upscaling, the input is
4:4:4 YCbCr data ready for video processing.
Pixel Input and Control Signal Timing
The pixel input timing and the video control signal input/out-
put timing of the HMP8156 depend on the part’s operating
mode. The periods when the encoder samples its inputs and
generates its outputs are summarized in Table 5.
Figures 1-9 show the timing of CLK, CLK2, BLANK, and the
pixel and overlay input data with respect to each other.
BLANK may be an input or an output; the figures show both.
When it is an input, BLANK must arrive coincident with the
pixel and overlay input data; all are sampled at the same
time.
When BLANK is an output, its timing with respect to the pixel
and overlay inputs depends on the blank timing select bit in
the timing_I/O_1 register. If the bit is cleared, the HMP8156
deasserts BLANK one CLK cycle before it samples the pixel
and overlay inputs. As shown in the timing figures, the
encoder samples the inputs 1-7 CLK2 periods after negating
BLANK, depending on the operating mode.
If the bit is set, the encoder deasserts BLANK during the
same CLK cycle in which it samples the input data. In effect,
the input data must arrive one CLK cycle earlier than when
the bit is cleared. This mode is not shown in the figures.
8-Bit YCbCr Format without 2X Upscaling
When 8-bit YCbCr format is selected and 2X upscaling is not
enabled, the data is latched on each rising edge of CLK2.
The pixel data must be [Cb Y Cr Y’ Cb Y Cr Y’. . . ], with the
first active data each scan line being Cb data. Overlay data
TABLE 4. TYPICAL RESOLUTIONS FOR 2X UPSCALING
INPUT ACTIVE
RESOLUTION
OUTPUT ACTIVE
RESOLUTION
352 x 240
352 x 288
320 x 240
384 x 288
704 x 480
704 x 576
640 x 480
768 x 576
TABLE 5. PIXEL INPUT AND CONTROL SIGNAL I/O TIMING
INPUT FORMAT
INPUT PORT SAMPLING
VIDEO TIMING CONTROL (NOTE)
CLK FREQUENCY
PIXEL DATA
OVERLAY DATA
INPUT SAMPLE
OUTPUT ON
INPUT
OUTPUT
8-Bit YCbCr
Off
Every rising edge
of CLK2
Same edge that
latches Y
Every rising edge
of CLK2
Any rising edge of
CLK2
Ignored
One-half
CLK2
On
Rising edge of
CLK2 when CLK
is low.
Same edge that
latches Y data
Rising edge of
CLK2 when CLK
is low.
Rising edge of
CLK2 when CLK
is high.
One-half CLK2
16-Bit YCbCr,
16-Bit RGB,
or
24-Bit RGB
Off
Rising edge of CLK2 when CLK is low
Rising edge of
CLK2 when CLK
is high.
One-half CLK2
On
2nd rising edge of CLK2 when CLK is low
Either rising
CLK2 edge when
CLK is high
One-fourth CLK2
BT.656
Off
Every rising edge
of CLK2
Same edge that
latches Y
Not Allowed
Any rising edge of
CLK2
Ignored
One-half
CLK2
On
Not Available
NOTE: Video timing control signals include HSYNC, VSYNC, BLANK and FIELD. The sync and blanking I/O directions are independent;
FIELD is always an output.
HMP8156


Similar Part No. - HMP8156

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156 Datasheet
185Kb / 33P
   NTSC/PAL Encoder
HMP8156A INTERSIL-HMP8156A Datasheet
563Kb / 34P
   NTSC/PAL Encoders
logo
Renesas Technology Corp
HMP8156A RENESAS-HMP8156A Datasheet
1Mb / 34P
   NTSC/PAL Encoders
logo
Intersil Corporation
HMP8156ACN INTERSIL-HMP8156ACN Datasheet
563Kb / 34P
   NTSC/PAL Encoders
HMP8156ACN INTERSIL-HMP8156ACN Datasheet
579Kb / 34P
   NTSC/PAL Encoders
More results

Similar Description - HMP8156

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156 Datasheet
185Kb / 33P
   NTSC/PAL Encoder
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
   ADVANCED PAL/NTSC ENCODER
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com