Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP8156CN Datasheet(PDF) 3 Page - Intersil Corporation

Part # HMP8156CN
Description  NTSC/PAL Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8156CN Datasheet(HTML) 3 Page - Intersil Corporation

  HMP8156CN Datasheet HTML 1Page - Intersil Corporation HMP8156CN Datasheet HTML 2Page - Intersil Corporation HMP8156CN Datasheet HTML 3Page - Intersil Corporation HMP8156CN Datasheet HTML 4Page - Intersil Corporation HMP8156CN Datasheet HTML 5Page - Intersil Corporation HMP8156CN Datasheet HTML 6Page - Intersil Corporation HMP8156CN Datasheet HTML 7Page - Intersil Corporation HMP8156CN Datasheet HTML 8Page - Intersil Corporation HMP8156CN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
Functional Operation
The HMP8156 is a fully integrated digital encoder. It accepts
digital video input data and generates four analog video out-
put signals. The input data format is selectable and includes
YCbCr, RGB, and overlay data. The outputs are config-
urable to be either two composite video signals and Y/C (S-
Video) or one composite and component RGB video.
The HMP8156 accepts pixel data in one of several formats
and transforms it into 4:4:4 sampled luminance and chromi-
nance (YCbCr) data. If enabled, the encoder also mixes
overlay data with the input data. The encoder then interpo-
lates the YCbCr data to twice the pixel rate and low pass fil-
ters it to match the bandwidth of the video output format. If
enabled, the encoder also adds Closed Captioning informa-
tion to the Y data. At the same time, the encoder modulates
the chrominance data with a digitally synthesized subcarrier.
Finally, the encoder outputs the luminance, chrominance,
and their sum as analog signals using 10-bit D/A converters.
The HMP8156 provides operating modes to support all ver-
sions of the NTSC and PAL standards and accepts full and
SIF size input data with rectangular (ITU-R BT.601) and
square pixel ratios. It operates from a single clock at twice
the pixel clock rate determined by the operating mode.
The HMP8156’s video timing control is flexible. It may oper-
ate as the master generating the system’s video timing con-
trol signals or it may accept external timing controls. The
polarity of the timing controls and the number of active pixels
and lines are programmable.
Pixel Data Input Formats
The HMP8156 accepts pixel data via the P0-P23 input pins.
The definition of each pixel input pin is determined by the
input format selected in the input format register. The defini-
tion for each mode is shown in Table 2.
YCbCr Pixel Data
The HMP8156 accepts 4:2:2 sampled YCbCr input data.
The luminance and color difference signals are each 8 bits,
scaled 0 to 255. Values outside their nominal ranges (16-
235 for Y and 16-240 for Cb and Cr) are processed normally.
The color difference signals are time multiplexed into one 8-
bit bus beginning with a Cb sample. The Y and CbCr busses
may be input in parallel (16-bit mode) or may be time multi-
plexed and input as a single bus (8-bit mode). The single
bus may also contain SAV and EAV video timing reference
codes (ITU-R BT.656 mode).
RGB Data
The HMP8156 accepts 4:4:4 sampled RGB component
video input data. The color signals may be (8,8,8) for 24-bit
mode or (5,6,5) for 16-bit mode. In 24-bit mode, they are
scaled 0 to 255, black to white. In 16-bit mode, the encoder
left shifts the input so that it has the same scale as 24-bit
input. The RGB data may be linear or gamma corrected; if
enabled, the encoder will gamma correct the input data.
Overlay Data
The HMP8156 accepts 5 bits of pixel overlay input data and
combines it with the input pixel data. The data specifies an
overlay color and the fractions of the new and original colors
to be summed.
Blue Screen Generation
In blue screen mode, the HMP8156 ignores the pixel input
data and generates a solid, blue screen. The overlay inputs
may be used to place information over the blue screen.
Input Processing
COLOR SPACE CONVERSION
For linear RGB input formats, the encoder applies gamma-
correction using a selectable gamma value of 1/2.2 or 1/2.8.
The gamma-corrected RGB data from either the correction
function in linear mode or the input port otherwise is con-
verted to 4:4:4 sampled YCbCr data.
For the YCbCr input formats, the encoder converts the 4:2:2
sampled data to 4:4:4 sampled data. The conversion is done
by 2x upsampling the Cb and Cr data. The upsampling func-
tion uses linear interpolation.
OVERLAY PROCESSING
The HMP8156 accepts overlay data via the OL0-OL2, M0,
and M1 pins. Overlay mixing is done using the 4:4:4 YCbCr
pixel data from the color space converter. The YCbCr data
following overlay processing is used as input data by the
video processing functions.
The OL0-OL2 inputs select the color to be mixed with the
pixel data. Overlay colors 1-7 are standard color bar colors.
Overlay color 0 is special and disables mixing on a pixel by
pixel basis. The overlay color palette is shown in Table 1.
Note that overlay capability is not available when the 24-bit
RGB input format is used.
The encoder provides 4 methods for mixing the overlay data
with the pixel data: disabled, external mixing, internal mixing
and no mixing. The method used is selected in the input for-
mat control register.
Overlay Mixing: Disabled
When overlay mixing is disabled, the OL0-OL2, M0, and M1
inputs are ignored and the pixel data is not changed.
TABLE 1. OVERLAY COLOR PALETTE
OL2-OL0
COLOR
000
001
010
011
100
101
110
111
Pixel Data
75% Blue
75% Red
75% Magenta
75% Green
75% Cyan
75% Yellow
100% White
HMP8156


Similar Part No. - HMP8156CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8156CN INTERSIL-HMP8156CN Datasheet
185Kb / 33P
   NTSC/PAL Encoder
More results

Similar Description - HMP8156CN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156 Datasheet
185Kb / 33P
   NTSC/PAL Encoder
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
   ADVANCED PAL/NTSC ENCODER
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com