Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC573 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74AC573
Description  Octal Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC573 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC573_07 Datasheet HTML 1Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 2Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 3Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 4Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 5Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 6Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 7Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 8Page - Fairchild Semiconductor 74AC573_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC573, 74ACT573 Rev. 1.5
5
DC Electrical Characteristics for AC
Notes:
2. All outputs loaded; thresholds on input associated with output under test.
3. IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
4. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
2.1
2.1
V
4.5
2.25
3.15
3.15
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
0.9
0.9
V
4.5
2.25
1.35
1.35
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
Output Voltage
3.0
IOUT = –50µA
2.99
2.9
2.9
V
4.5
4.49
4.4
4.4
5.5
5.49
5.4
5.4
VIN = VIL or VIH:V
3.0
IOH = –12mA
2.56
2.46
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(2)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
3.0
IOUT = 50µA
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
3.0
IOL = 12mA
0.36
0.44
4.5
IOL = 24mA
0.36
0.44
5.5
IOL = 24mA
(2)
0.36
0.44
IIN
(3)
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOLD
Minimum Dynamic
Output Current(4)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
(3)
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA
IOZ
Maximum 3-STATE
Leakage Current
5.5
VI (OE) = VIL, VIH;
VI = VCC, GND;
VO = VCC, GND
±0.25
±2.5
µA


Similar Part No. - 74AC573_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC573B STMICROELECTRONICS-74AC573B Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74AC573M STMICROELECTRONICS-74AC573M Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC573MTC FAIRCHILD-74AC573MTC Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
logo
STMicroelectronics
74AC573MTR STMICROELECTRONICS-74AC573MTR Datasheet
248Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC573PC FAIRCHILD-74AC573PC Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
More results

Similar Description - 74AC573_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT563 FAIRCHILD-74ACT563 Datasheet
45Kb / 5P
   Octal Latch with 3-STATE Outputs
74AC573 FAIRCHILD-74AC573 Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
74F373 FAIRCHILD-74F373 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com