Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC574SC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74AC574SC
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC574SC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74AC574SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC574SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC574SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC574SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC574SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC574SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC574SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC574SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC574SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
Function Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
 LOW-to-HIGH Transition
NC
No Change
Functional Description
The AC/ACT574 consists of eight edge-triggered flip-flops
with individual D-type inputs and 3-STATE true outputs.
The buffered clock and buffered Output Enable are com-
mon to all flip-flops. The eight flip-flops will store the state
of their individual D-type inputs that meet the setup and
hold time requirements on the LOW-to-HIGH Clock (CP)
transition. With the Output Enable (OE) LOW, the contents
of the eight flip-flops are available at the outputs. When OE
is HIGH, the outputs go to the high impedance state. Oper-
ation of the OE input does not affect the state of the flip-
flops.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs
Inputs
Internal
Outputs
Function
OE
CP D
Q
ON
HH
L
NC
Z
Hold
H
H
H
NC
Z
Hold
H
 L
L
Z
Load
H
 H
H
Z
Load
L
 L
L
L
Data Available
L
 H
H
H
Data Available
L
H
L
NC
NC
No Change in Data
L
H
H
NC
NC
No Change in Data


Similar Part No. - 74AC574SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC574SC FAIRCHILD-74AC574SC Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC574SC FAIRCHILD-74AC574SC Datasheet
116Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC574SCX FAIRCHILD-74AC574SCX Datasheet
116Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74AC574SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com