Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP8170 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HMP8170
Description  NTSC/PAL Video Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8170 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HMP8170_03 Datasheet HTML 4Page - Intersil Corporation HMP8170_03 Datasheet HTML 5Page - Intersil Corporation HMP8170_03 Datasheet HTML 6Page - Intersil Corporation HMP8170_03 Datasheet HTML 7Page - Intersil Corporation HMP8170_03 Datasheet HTML 8Page - Intersil Corporation HMP8170_03 Datasheet HTML 9Page - Intersil Corporation HMP8170_03 Datasheet HTML 10Page - Intersil Corporation HMP8170_03 Datasheet HTML 11Page - Intersil Corporation HMP8170_03 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
.
Color Subcarrier Generation
The HMP8170 uses a numerically controlled oscillator
(NCO) clocked by CLK2 and a sine look up ROM to
generate the color subcarrier. As shown in Figure 9, the
phase increment value (PHINC) of the NCO may come from
the encoder’s internal look up table, BT.656 ancillary data, or
a control register. The PHINC source is selected in timing
I/O register 2.
.
FIGURE 7A. FULL SPECTRUM
FIGURE 7B. PASS BAND
FIGURE 7. Y LOWPASS FILTER RESPONSE
NTSC SQUARE PIXEL
CLK2 = 24.54MHz
NTSC OR PAL
CLK2 = 27.00MHz
PAL SQUARE PIXEL
CLK2 = 29.50MHz
RECTANGULAR PIXEL
0
-10
-20
-30
-40
-50
-60
02
46
8
10
12
14
FREQUENCY (MHz)
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
0
1
23
4
5
67
FREQUENCY (MHz)
NTSC SQUARE PIXEL
CLK2 = 24.54MHz
NTSC OR PAL
CLK2 = 27.00MHz
PAL SQUARE PIXEL
CLK2 = 29.50MHz
RECTANGULAR PIXEL
FIGURE 8A. FULL SPECTRUM
FIGURE 8B. PASS BAND
FIGURE 8. Cb AND Cr LOWPASS FILTER RESPONSE
02
4
6
8
10
12
FREQUENCY (MHz)
0
-10
-20
-30
-40
-50
-60
NTSC SQUARE PIXEL
CLK2 = 24.54MHz
NTSC OR PAL
CLK2 = 27.00MHz
RECTANGULAR PIXEL
PAL SQUARE PIXEL
CLK2 = 29.50MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
FREQUENCY (MHz)
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
NTSC SQUARE PIXEL
CLK2 = 24.54MHz
NTSC OR PAL
CLK2 = 27.00MHz
RECTANGULAR PIXEL
-3.5
-4.0
1.4
1.6
PAL SQUARE PIXEL
CLK2 = 29.50MHz
FIGURE 9. COLOR SUBCARRIER GENERATION NCO.
+
INTERNAL
BT.656
I2C
PHINC
SELECT
PHINC
D
Q
CLK2
NCO RESET
PHINT
HMP8170


Similar Part No. - HMP8170_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8170CN INTERSIL-HMP8170CN Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170CN RENESAS-HMP8170CN Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
HMP8170EVAL1 RENESAS-HMP8170EVAL1 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
More results

Similar Description - HMP8170_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com