Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1149 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HFA1149
Description  450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1149 Datasheet(HTML) 3 Page - Intersil Corporation

  HFA1149_04 Datasheet HTML 1Page - Intersil Corporation HFA1149_04 Datasheet HTML 2Page - Intersil Corporation HFA1149_04 Datasheet HTML 3Page - Intersil Corporation HFA1149_04 Datasheet HTML 4Page - Intersil Corporation HFA1149_04 Datasheet HTML 5Page - Intersil Corporation HFA1149_04 Datasheet HTML 6Page - Intersil Corporation HFA1149_04 Datasheet HTML 7Page - Intersil Corporation HFA1149_04 Datasheet HTML 8Page - Intersil Corporation HFA1149_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Input Noise Voltage Density (Note 5)
f = 100kHz
B
25
-
4
-
nV/
√Hz
Non-Inverting Input Noise Current Density
(Note 5)
f = 100kHz
B
25
-
2.4
-
pA/
√Hz
Inverting Input Noise Current Density
(Note 5)
f = 100kHz
B
25
-
40
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Open Loop Transimpedance Gain (Note 5)
B
25
-
500
-
k
Minimum Stable Gain
B
Full
-
1
-
V/V
AC CHARACTERISTICS
-3dB Bandwidth
(VOUT = 0.2VP-P, Note 5)
AV = -1, RF = 200Ω
B
25
300
375
-
MHz
B
Full
290
360
-
MHz
AV = +1, +RS = 700Ω
B
25
280
330
-
MHz
B
Full
260
320
-
MHz
AV = +2
B
25
390
450
-
MHz
B
Full
350
410
-
MHz
Gain Peaking
AV = +2, VOUT = 0.2VP-P
B25
-
0
0.2
dB
B
Full
-
0
0.5
dB
Gain Flatness
(AV = +2, VOUT = 0.2VP-P, Note 5)
To 125MHz
B
25
-1.0
-0.45
-
dB
B
Full
-1.1
-0.45
-
dB
To 200MHz
B
25
-1.6
-0.75
-
dB
B
Full
-1.7
-0.75
-
dB
To 250MHz
B
25
-1.9
-0.85
-
dB
B
Full
-2.2
-0.85
-
dB
Gain Flatness
AV = +1, +RS = 700Ω, VOUT = 0.2VP-P (Note 5)
To 125MHz
B
25
±0.3
±0.1
-
dB
BFull
±0.4
±0.1
-
dB
To 200MHz
B
25
±0.8
±0.35
-
dB
BFull
±0.9
±0.35
-
dB
To 250MHz
B
25
±1.3
±0.6
-
dB
BFull
±1.4
±0.6
-
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing, Unloaded
(Note 5)
AV = -1, RL = ∞
A25
±3
±3.2
-
V
AFull
±2.8
±3-
V
Output Current
(Note 5)
AV = -1, RL = 75Ω
A
25, 85
±33
±36
-
mA
A-40
±30
±33
-
mA
Output Short Circuit Current
AV = -1
B
25
-
120
-
mA
Closed Loop Output Resistance (Note 5)
DC, AV = +1, Enabled
B
25
-
0.05
-
Second Harmonic Distortion
(VOUT = 2VP-P, Note 5)
20MHz
B
25
-
-55
-
dBc
60MHz
B
25
-
-57
-
dBc
Third Harmonic Distortion
(VOUT = 2VP-P, Note 5)
20MHz
B
25
-
-68
-
dBc
60MHz
B
25
-
-60
-
dBc
Reverse Isolation (S12)
30MHz
B
25
-
-65
-
dB
TRANSIENT CHARACTERISTICS
Rise and Fall Times
VOUT = 0.5VP-P
B
25
-
1.1
1.3
ns
B
Full
-
1.1
1.4
ns
Electrical Specifications
VSUPPLY = ±5V, AV = +2, RF = 250Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1149


Similar Part No. - HFA1149_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1149EVAL INTERSIL-HFA1149EVAL Datasheet
137Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HFA1149IB INTERSIL-HFA1149IB Datasheet
137Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
logo
Renesas Technology Corp
HFA1149IB RENESAS-HFA1149IB Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
More results

Similar Description - HFA1149_04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
logo
Intersil Corporation
HFA1149 INTERSIL-HFA1149 Datasheet
137Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com