Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1149IB Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA1149IB
Description  450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1149IB Datasheet(HTML) 2 Page - Intersil Corporation

  HFA1149IB Datasheet HTML 1Page - Intersil Corporation HFA1149IB Datasheet HTML 2Page - Intersil Corporation HFA1149IB Datasheet HTML 3Page - Intersil Corporation HFA1149IB Datasheet HTML 4Page - Intersil Corporation HFA1149IB Datasheet HTML 5Page - Intersil Corporation HFA1149IB Datasheet HTML 6Page - Intersil Corporation HFA1149IB Datasheet HTML 7Page - Intersil Corporation HFA1149IB Datasheet HTML 8Page - Intersil Corporation HFA1149IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
DC Analog Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Digital Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY ±1V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Output Current (Note 2) . . . . . . . . . . . . . . . . Short Circuit Protected
30mA Continuous
60mA
≤ 50% Duty Cycle
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . 1000V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . 1000V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . 50V
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
160
Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
2. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however, continuous (100% duty cycle) output
current must not exceed 30mA for maximum reliability.
Electrical Specifications
VSUPPLY = ±5V, AV = +2, RF = 250Ω, RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
1
5
mV
AFull
-
2
8
mV
Average Input Offset Voltage Drift
B
Full
-
10
-
µV/oC
Input Offset Voltage
Common-Mode Rejection Ratio
∆VCM = ±2V
A
25
47
50
-
dB
∆VCM = ±2V
A
Full
45
48
-
dB
Input Offset Voltage
Power Supply Rejection Ratio
∆V
PS = ±1.25V
A
25
50
53
-
dB
∆VPS = ±1.25V
A
Full
47
51
-
dB
Non-Inverting Input Bias Current
A
25
-
4
10
µA
AFull
-
5
15
µA
Non-Inverting Input Bias Current Drift
B
Full
-
30
-
nA/oC
Non-Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.25V
A
25
-
0.5
1
µA/V
∆V
PS = ±1.25V
A
Full
-
0.5
3
µA/V
Inverting Input Bias Current
A
25
-
2
10
µA
AFull
-
3
15
µA
Inverting Input Bias Current Drift
B
Full
-
40
-
nA/oC
Inverting Input Bias Current
Common-Mode Sensitivity
∆VCM = ±2V
A
25
-
3
6
µA/V
∆VCM = ±2V
A
Full
-
3
8
µA/V
Inverting Input Bias Current
Power Supply Sensitivity
∆V
PS = ±1.25V
A
25
-
1.6
5
µA/V
∆VPS = ±1.25V
A
Full
-
1.6
8
µA/V
Non-Inverting Input Resistance
∆VCM = ±2V
A
25, 85
0.8
1.7
-
M
∆V
CM = ±2V
A
-40
0.5
1.4
-
M
Inverting Input Resistance
B
25
-
60
-
Input Capacitance
B
25
-
1.6
-
pF
Input Voltage Common Mode Range (Implied
by VIO CMRR, +RIN, and -IBIAS CMS tests)
AFull
±2
±2.5
-
V
HFA1149


Similar Part No. - HFA1149IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1149IB INTERSIL-HFA1149IB Datasheet
137Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
logo
Renesas Technology Corp
HFA1149IB RENESAS-HFA1149IB Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
More results

Similar Description - HFA1149IB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
logo
Intersil Corporation
HFA1149 INTERSIL-HFA1149 Datasheet
137Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com