Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS8098 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPS8098
Description  NPN general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPS8098 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPS8098 Datasheet HTML 1Page - NXP Semiconductors MPS8098 Datasheet HTML 2Page - NXP Semiconductors MPS8098 Datasheet HTML 3Page - NXP Semiconductors MPS8098 Datasheet HTML 4Page - NXP Semiconductors MPS8098 Datasheet HTML 5Page - NXP Semiconductors MPS8098 Datasheet HTML 6Page - NXP Semiconductors MPS8098 Datasheet HTML 7Page - NXP Semiconductors MPS8098 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 May 26
3
Philips Semiconductors
Product specification
NPN general purpose transistor
MPS8098
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
60
V
VCEO
collector-emitter voltage
open base
60
V
VEBO
emitter-base voltage
open collector
6V
IC
collector current (DC)
100
mA
ICM
peak collector current
200
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =60V
100
nA
IE = 0; VCB = 60 V; Tj = 150 °C
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =6V
100
nA
hFE
DC current gain
VCE =5V
IC = 1 mA
100
300
IC = 10 mA
100
IC = 100 mA
75
VCEsat
collector-emitter saturation voltage IC = 100 mA; IB = 5 mA; note 1
400
mV
VBE
base-emitter voltage
IC = 1 mA; VCE = 5 V; note 1
500
700
mV
Cc
collector capacitance
IE =ie = 0; VCB =5V; f=1MHz
6pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
25
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz;
note 1
100
MHz


Similar Part No. - MPS8098

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS8098 MOTOROLA-MPS8098 Datasheet
248Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
MPS8098 ONSEMI-MPS8098 Datasheet
112Kb / 8P
   Amplifier Transistors
September, 2001 ??Rev. 2
logo
Samsung semiconductor
MPS8098 SAMSUNG-MPS8098 Datasheet
74Kb / 2P
   NPN (AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MPS8098 FAIRCHILD-MPS8098 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
logo
ON Semiconductor
MPS8098 ONSEMI-MPS8098 Datasheet
82Kb / 7P
   Amplifier Transistors Voltage and Current are Negative for PNP Transistors
January, 2006 ??Rev. 5
More results

Similar Description - MPS8098

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com